Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 25 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 21Page - Integrated Device Technology ZOPT2201 Datasheet HTML 22Page - Integrated Device Technology ZOPT2201 Datasheet HTML 23Page - Integrated Device Technology ZOPT2201 Datasheet HTML 24Page - Integrated Device Technology ZOPT2201 Datasheet HTML 25Page - Integrated Device Technology ZOPT2201 Datasheet HTML 26Page - Integrated Device Technology ZOPT2201 Datasheet HTML 27Page - Integrated Device Technology ZOPT2201 Datasheet HTML 28Page - Integrated Device Technology ZOPT2201 Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
25
September 2, 2016
3.9.4
I2C Interface—Bus Timing
Figure 3.8 Bus Timing
Table 3.9 Bus Timing Characteristic
Parameter
Symbol
Standard
Mode
Fast
Mode
Units
Maximum SCL clock frequency
fSCL
100
400
kHz
Minimum START condition hold time relative to SCL edge
tHDSTA
4
µs
Minimum SCL clock low width
tLOW
4.7
µs
Minimum SCL clock high width
tHIGH
4
µs
Minimum START condition setup time relative to SCL edge
tSUSTA
4.7
µs
Minimum data hold time on SDA relative to SCL edge
tHDDAT
0
µs
Minimum data setup time on SDA relative to SCL edge
tSUDAT
0.1
0.1
µs
Minimum STOP condition setup time on SCL
tSUSTO
4
µs
Minimum bus free time between stop condition and start condition
tBUS
4.7
µs
SDA
SCL
tHDSTA
tLOW
tHDDAT
tSUDAT
tHIGH
tSUSTA
tHDSTA
tSUSTO
tBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com