Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 43 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 43 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 36Page - Integrated Device Technology ZOPT2201 Datasheet HTML 37Page - Integrated Device Technology ZOPT2201 Datasheet HTML 38Page - Integrated Device Technology ZOPT2201 Datasheet HTML 39Page - Integrated Device Technology ZOPT2201 Datasheet HTML 40Page - Integrated Device Technology ZOPT2201 Datasheet HTML 41Page - Integrated Device Technology ZOPT2201 Datasheet HTML 42Page - Integrated Device Technology ZOPT2201 Datasheet HTML 43Page - Integrated Device Technology ZOPT2201 Datasheet HTML 44Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
43
September 2, 2016
5. Part Order Information
Product Sales Code
Description
Delivery Package
ZOPT2201AC5R
ZOPT2201 LGA6 – Temperature range: -40 to +90°C
Reel
ZOPT2201AC9R
ZOPT2201 TSV – Temperature range: -40 to +90°C
Reel
ZOPT2201KIT V1.0
ZOPT2201 Evaluation Kit, including ZOPT Control Board, mini-USB cable, and 1 ZOPT2201 sample
mounted on the LGA6 Sensor Board; kit software is available for free download – see the ZOPT Evaluation
Kit Quick Start Guide included in the kit for instructions.
6. Glossary
Term
Description
ADC
Analog-to -Digital Converter
ALS
Ambient Light Sensor
LGA
Land-Grid Array (package type)
LS
Light Sensor (can be either ALS or UVBS depending on the ZOPT2201 configuration)
NVM
Non-volatile Memory
SDA
Serial Data
SCL
Serial Clock
SW
Software
TSV
Through-Silicon Vias (package type)
UVBS
UVB Energy Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com