Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 31Page - Integrated Device Technology ZOPT2201 Datasheet HTML 32Page - Integrated Device Technology ZOPT2201 Datasheet HTML 33Page - Integrated Device Technology ZOPT2201 Datasheet HTML 34Page - Integrated Device Technology ZOPT2201 Datasheet HTML 35Page - Integrated Device Technology ZOPT2201 Datasheet HTML 36Page - Integrated Device Technology ZOPT2201 Datasheet HTML 37Page - Integrated Device Technology ZOPT2201 Datasheet HTML 38Page - Integrated Device Technology ZOPT2201 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
35
September 2, 2016
3.11.10 INT_CFG
Address
19HEX
Default value
10HEX
Register access
RW
Bit
7
6
[5:4]
3
2
1
0
19HEX
0
0
LS_INT_SEL
LS_VAR_MODE
LS_INT_EN
0
0
Bit[5:4] LS_INT_SEL
Light sensor (LS) interrupt source select
00
Reserved
01
ALS channel (default)
10
Reserved
11
UVB channel
Bit[3] LS_VAR_MODE
Light sensor variation interrupt mode
0
LS Threshold Interrupt Mode (default)
1
LS Variation Interrupt Mode
Bit[2] LS_INT_EN
Light sensor interrupt enable
0
LS interrupt disabled (default)
1
LS interrupt enabled
3.11.11 INT_PST
Address
1AHEX
Default value
00HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
1AHEX
LS_PERSIST
0
0
0
0
Bit[7:4]
LS_PERSIST sets the number of similar consecutive LS interrupt events that must occur before the
interrupt is asserted.
0000BIN
Every LS value out of threshold range asserts an interrupt (default).
0001BIN
2 consecutive LS values out of threshold range assert an interrupt.
…
1111BIN
16 consecutive LS values out of threshold range assert an interrupt.
Bit[3:0]
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com