Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 26 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 22Page - Integrated Device Technology ZOPT2201 Datasheet HTML 23Page - Integrated Device Technology ZOPT2201 Datasheet HTML 24Page - Integrated Device Technology ZOPT2201 Datasheet HTML 25Page - Integrated Device Technology ZOPT2201 Datasheet HTML 26Page - Integrated Device Technology ZOPT2201 Datasheet HTML 27Page - Integrated Device Technology ZOPT2201 Datasheet HTML 28Page - Integrated Device Technology ZOPT2201 Datasheet HTML 29Page - Integrated Device Technology ZOPT2201 Datasheet HTML 30Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
26
September 2, 2016
3.10 Summary of Internal Registers
Table 3.10 Register Overview
Address
Type
Name
Default
Value
Description
00HEX
RW
MAIN_CTRL
00HEX
LS operation mode control, software (SW) reset
04HEX
RW
LS_MEAS_RATE
22HEX
LS measurement rate and resolution in Active Mode
05HEX
RW
LS_GAIN
01HEX
LS analog gain range
06HEX
R
PART_ID
B2HEX
Part number ID and revision ID
07HEX
R
MAIN_STATUS
20HEX
Power-on status, interrupt status, data status
0DHEX
R
ALS_DATA_0
00HEX
ALS – ADC measurement data, LSB
0EHEX
R
ALS_DATA_1
00HEX
ALS – ADC measurement data
0FHEX
R
ALS_DATA_2
00HEX
ALS – ADC measurement data, MSB
10HEX
R
UVB_DATA_0
00HEX
UVBS – ADC measurement data, LSB
11HEX
R
UVB_DATA_1
00HEX
UVBS – ADC measurement data
12HEX
R
UVB_DATA_2
00HEX
UVBS – ADC measurement data, MSB
13HEX
R
UV_COMP_DATA_0
00HEX
UVBS – COMP ADC measurement data, LSB
14HEX
R
UV_COMP_DATA_1
00HEX
UVBS – COMP ADC measurement data
15HEX
R
UV_COMP_DATA_2
00HEX
UVBS – COMP ADC measurement data, MSB
16HEX
R
COMP_DATA_0
00HEX
COMP – ADC measurement data, LSB
17HEX
R
COMP_DATA_1
00HEX
COMP – ADC measurement data
18HEX
R
COMP_DATA_2
00HEX
COMP – ADC measurement data, MSB
19HEX
RW
INT_CFG
10HEX
Interrupt configuration
1AHEX
RW
INT_PST
00HEX
Interrupt persist setting
21HEX
RW
LS_THRES_UP_0
FFHEX
LS interrupt upper threshold, LSB
22HEX
RW
LS_THRES_UP_1
FFHEX
LS interrupt upper threshold, intervening bits
23HEX
RW
LS_THRES_UP_2
0FHEX
LS interrupt upper threshold, MSB
24HEX
RW
LS_THRES_LOW_0
00HEX
LS interrupt lower threshold, LSB
25HEX
RW
LS_THRES_LOW_1
00HEX
LS interrupt lower threshold, intervening bits
26HEX
RW
LS_THRES_LOW_2
00HEX
LS interrupt lower threshold, MSB
27HEX
RW
LS_THRES_VAR
00HEX
LS interrupt variance threshold
2FHEX
RW
DEVICE_CONFIG
00HEX
Control bit for I²C address
30HEX
RW
SPECIAL_MODE_1
Special operation mode register 1
31HEX
RW
SPECIAL_MODE_2
Special operation mode register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com