Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 29 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 25Page - Integrated Device Technology ZOPT2201 Datasheet HTML 26Page - Integrated Device Technology ZOPT2201 Datasheet HTML 27Page - Integrated Device Technology ZOPT2201 Datasheet HTML 28Page - Integrated Device Technology ZOPT2201 Datasheet HTML 29Page - Integrated Device Technology ZOPT2201 Datasheet HTML 30Page - Integrated Device Technology ZOPT2201 Datasheet HTML 31Page - Integrated Device Technology ZOPT2201 Datasheet HTML 32Page - Integrated Device Technology ZOPT2201 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
29
September 2, 2016
3.11.3 LS_GAIN
Address
05HEX
Default value
01HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
05HEX
0
0
0
0
0
LS Gain Range
Note:
The following ALS / UVBS detection ranges apply to the default resolution of 18-bit (measurement time = 100ms);
see Table 3.5 and Table 3.6 respectively for details.
LS Detection Ranges
ALS Mode:
Bit[2:0]
ALS (temperature compensated):
000BIN
Gain: 1
0.6 to 157286 lux
001BIN
Gain: 3
0.2 to 52429 lux (default)
010BIN
Gain: 6
0.1 to 26214 lux
011BIN
Gain: 9
0.0667 to 17476 lux
100BIN
Gain: 18
0.0333 to 8738 lux
UVBS Mode:
Bit[2:0]
UVBS (temperature compensated):
000BIN
Gain: 1
1.44 to 377487 µW/cm²
001BIN
Gain: 3
0.48 to 125829 µW/cm² (default)
010BIN
Gain: 6
0.24 to 62915 µW/cm²
011BIN
Gain: 9
0.16 to 41943 µW/cm²
100BIN
Gain: 18
0.08 to 20972 µW/cm² (recommended for application)
Writing to this register stops the ongoing measurements and starts new measurements (depending on the respective enable bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com