Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 40 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 40 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 36Page - Integrated Device Technology ZOPT2201 Datasheet HTML 37Page - Integrated Device Technology ZOPT2201 Datasheet HTML 38Page - Integrated Device Technology ZOPT2201 Datasheet HTML 39Page - Integrated Device Technology ZOPT2201 Datasheet HTML 40Page - Integrated Device Technology ZOPT2201 Datasheet HTML 41Page - Integrated Device Technology ZOPT2201 Datasheet HTML 42Page - Integrated Device Technology ZOPT2201 Datasheet HTML 43Page - Integrated Device Technology ZOPT2201 Datasheet HTML 44Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
40
September 2, 2016
4.1.3
Reflow Profile
Table 4.1 Reflow Profile Specification
Parameter
Legend
Component
Time above 217°C
t1
≤ 60 sec
Time above 230°C
t2
≤ 50 sec
Time above 255°C
t3
≤ 15 sec
Peak Temp
Tp
≤ 260°C
Soak Time (50°C – 217°C)
ts
≤ 180 sec
Temperature Gradient Preheating
< 3 °C/sec
Temperature Gradient Cooling
< 5 °C/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com