Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 20Page - Integrated Device Technology ZOPT2201 Datasheet HTML 21Page - Integrated Device Technology ZOPT2201 Datasheet HTML 22Page - Integrated Device Technology ZOPT2201 Datasheet HTML 23Page - Integrated Device Technology ZOPT2201 Datasheet HTML 24Page - Integrated Device Technology ZOPT2201 Datasheet HTML 25Page - Integrated Device Technology ZOPT2201 Datasheet HTML 26Page - Integrated Device Technology ZOPT2201 Datasheet HTML 27Page - Integrated Device Technology ZOPT2201 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
24
September 2, 2016
Figure 3.6 I²C Register Read
0
S
Slave Addr
7 Bit
1
A
Address
8 Bit
N P
Register Read (I²C
™ Read)
Write
From master to slave
From slave to master
S
START condition
P
STOP condition
A
N
Acknowledge (ACK)
Not acknowledge (NACK)
Data
8 Bit
A
Read
S
Slave Addr
7 Bit
A
0
S
Slave Addr
7 Bit
1
A
Address
8 Bit
N P
Write
Data
8 Bit
A
Read
S
Slave Addr
7 Bit
A
A
Data
8 Bit
A
Data
8 Bit
...
Register Block Read (I²C
™ Read)
3.9.3
Register Write
The ZOPT2201 registers can be written to individually or in block write mode. When two or more bytes are written in block write mode;
reserved registers and read-only registers are skipped. The transmitted data is automatically applied to the next writable register. If a register
includes read (R) and read/write (RW) bits, the register is not skipped. Data written to read-only bits are ignored.
If the last valid address of the ZOPT2201’s address range is reached but the master attempts to continue the block write operation, the
address counter of the ZOPT2201 will not roll over. The ZOPT2201 will return NACK for every following byte sent by the master until the I2C
operation is ended.
If a write access is started on an address belonging to a non-writeable register, the ZOPT2201 will return NACK until the I2C operation is
ended.
Write operations must follow the timing diagram in Figure 3.7.
Figure 3.7 I²C Register Write
From master to slave
From slave to master
S
START condition
P
STOP condition
A
N
Acknowledge (ACK)
Not acknowledge (NACK)
0
S
Slave Addr
7 Bit
A
Address
P
Register Write (I²C
™ Write)
Write
Data
8 Bit
A
0
S
Slave Addr
7 Bit
A
Address
P
Write
Data
8 Bit
A
A
Data
8 Bit
A
Data
8 Bit
...
A
A
Register Block Write (I²C
™ Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com