Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 19Page - Integrated Device Technology ZOPT2201 Datasheet HTML 20Page - Integrated Device Technology ZOPT2201 Datasheet HTML 21Page - Integrated Device Technology ZOPT2201 Datasheet HTML 22Page - Integrated Device Technology ZOPT2201 Datasheet HTML 23Page - Integrated Device Technology ZOPT2201 Datasheet HTML 24Page - Integrated Device Technology ZOPT2201 Datasheet HTML 25Page - Integrated Device Technology ZOPT2201 Datasheet HTML 26Page - Integrated Device Technology ZOPT2201 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
23
September 2, 2016
The threshold interrupt is enabled with LS_INT_EN = 1 and LS_VAR_MODE = 0. The interrupt is set when the respective *_DATA register
value of the selected interrupt source channel is above the upper or below the lower threshold configured in the LS_THRES_UP and
LS_THRES_LOW registers (see sections 3.11.12 and 3.11.13 respectively) for a specified number of consecutive measurements as
configured in the INT_PST register (1 + LS_PERSIST; see section 3.11.11).
The variance interrupt is enabled with LS_INT_EN = 1 and LS_VAR_MODE = 1. It is set when the absolute value difference between the
preceding and the current output data of the selected interrupt source channel is above the decoded variance threshold (see section 3.11.14)
for a specified number of consecutive measurements (1 + LS_PERSIST).
3.9
I²C Interface
The ZOPT2201 is equipped with an I²C interface for control and data communication. The chip always operates as a slave. The device offers
two different 7-bit slave addresses that are selectable via NVM programming. A read/write bit must be appended to the slave address by the
master device to properly communicate with the device.
The interface is compatible with standard mode (100kHz) and fast mode (400kHz) I²C communication.
Table 3.7 Supported I²C Clock Frequencies
Mode
Frequency
Transient Noise Filter
Standard
100kHz
50ns
Fast
400kHz
50ns
The I²C circuitry is always active (Standby or Active Mode of the ZOPT2201). If the I²C address is not yet read from the memory block, the
device will respond with “NACK” to any request and ignore the possible commands. An attempt to read or write to non-existing addresses will
be answered with “NACK.”
3.9.1
I²C Address Decoding
The I²C address decoding is done during start up after a power-on-reset or software reset. Two different I²C addresses can be selected
through NVM programming (see Table 3.8).
Table 3.8 I²C Address
Address NVM Level
I²C Address
7 Bits
Write
Read
0 – Default
1010 011xBIN
A6HEX
A7HEX
1 – Programmed
1010 010xBIN
A4HEX
A5HEX
3.9.2
I²C Register Read
The ZOPT2201 registers can be read individually or in block read mode. When two or more bytes are read in block read mode, reserved
register addresses are skipped and the next valid address is referenced. If the last valid address has been reached, but the master continues
with the block read, the address counter in the ZOPT2201 will not roll over and the ZOPT2201 returns 00HEX for every subsequent byte read.
The block read operation is the only way to ensure correct data read out of multi-byte registers and to avoid splitting of results with HIGH and
LOW bytes originating from different conversions. During block read access on LS result registers, the result update is blocked.
If a read access is started on an address belonging to a non-readable register, the ZOPT2201 will return NACK until the I2C operation is
ended.
Read operations must follow the timing diagram in Figure 3.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com