Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 21Page - National Semiconductor (TI) LM9812 Datasheet HTML 22Page - National Semiconductor (TI) LM9812 Datasheet HTML 23Page - National Semiconductor (TI) LM9812 Datasheet HTML 24Page - National Semiconductor (TI) LM9812 Datasheet HTML 25Page - National Semiconductor (TI) LM9812 Datasheet HTML 26Page - National Semiconductor (TI) LM9812 Datasheet HTML 27Page - National Semiconductor (TI) LM9812 Datasheet HTML 28Page - National Semiconductor (TI) LM9812 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25
http://www.national.com
Sensor Type
(24)
D0
0
1
Standard
Even/Odd
Power Down
(25)
D7
0
1
Operating
Low Power Standby Mode
Coefficient Bus
Width
(25)
D6
0
1
In 8 bit mode, coefficient data is 8 bits wide,
input through CD0-CD7.
10 bit
8 bit
TR2 Enable
(25)
D4
0
1
TR2 Enabled
TR2 Disabled
TR1 Enable
(25)
D3
0
1
TR1 Enabled
TR1 Disabled
RS Enable
(25)
D2
0
1
RS Enabled
RS Disabled
Ø2 Enable
(25)
D1
0
1
Ø2 Enabled
Ø2 Disabled
Ø1 Enable
(25)
D0
0
1
Ø1 Enabled
Ø1 Disabled
Gain Coefficient
Write Phase
(26)
D7
0
1
0°
180°
Offset Coefficient
Write Phase
(26)
D6
0
1
0°
180°
Data Read Phase
(26)
D5
0
1
0°
180°
Ø1 Polarity
During TR1
(26)
D4
0
1
High
Low
TR2 Pulse
Polarity
(26)
D3
0
1
High
Low
TR1 Pulse
Polarity
(26)
D2
0
1
High
Low
Table 2: Configuration Register Parameters (Continued)
Note: t
MCLK = 1/fMCLK = 1 MCLK period. Examples given in parenthesis are for fMCLK = 24MHz (tMCLK = 41.66ns).
Parameter
(Address)
Control Bits
Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com