Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9812 Datasheet HTML 1Page - National Semiconductor (TI) LM9812 Datasheet HTML 2Page - National Semiconductor (TI) LM9812 Datasheet HTML 3Page - National Semiconductor (TI) LM9812 Datasheet HTML 4Page - National Semiconductor (TI) LM9812 Datasheet HTML 5Page - National Semiconductor (TI) LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
http://www.national.com
IDI/O
Digital I/O Supply Current
Operating, VDI/O=5.0V
Standby, VDI/O= 5.0V
Operating, VDI/O=3.3V
Standby, VDI/O= 3.3V
12
5
2
0.3
30
20
10
3
mA (max)
mA (max)
mA (max)
mA (max)
AC Electrical Characteristics, MCLK Independent
The following specifications apply for AGND=DGND=DGNDI/O=0V, VA=VD=VDI/O=+5.0VDC, VREF IN = +2.0VDC, fMCLK=24MHz,
tMCLK=1/fMCLK, tr=tf=5ns, Rs=25¾, CL (databus loading) = 50pF/pin.
Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
fMCLK
Maximum MCLK Frequency
Minimum MCLK Frequency
24
4
MHz (min)
MHz (max)
MCLK Duty Cycle
40
60
% (min)
% (max)
tSETUP (OUT)
Coefficient Data valid before latching
edge of OCLK or GCLK
GCLK and OCLK as
outputs
12
20
ns (min)
tHOLD (OUT)
Coefficient Data held after latching
edge of OCLK or GCLK
GCLK and OCLK as
outputs
-10
0
ns (min)
tSETUP (IN)
Coefficient Data Valid before latching
edge of OCLK or GCLK
GCLK and OCLK as
inputs
0
5
ns (min)
tHOLD (IN)
Coefficient Data held after latching
edge of OCLK or GCLK
GCLK and OCLK as
inputs
0
5
ns (min)
tGCLK-EOC
Rising edge of GLCK to falling edge
of EOC (GCLK as output)
2ns
tGCLK-OCLK
Rising edge of GLCK to falling edge
of OCLK (GCLK and OCLK as
outputs)
2 bus / 2 clock mode
1
ns
tEOC-OCLK
Rising edge of EOC to rising edge of
OLCK (OCLK as output)
2 clock mode
1
ns
tOCLK-GCLK
Rising edge of OLCK to falling edge
of GLCK (GCLK and OCLK as
outputs)
2 clock mode
3
ns
tEOC-GCLK
Rising edge of EOC to falling edge of
GLCK (GCLK as output)
2 bus mode
2
ns
tDACC
RD or RD_PIXEL low to D0-D9 data
valid
15
41
ns (max)
tD1H, D0H
RD or RD_PIXEL high to D0-D9 data
tri-state
13
20
ns (max)
tCS SETUP
CS setup of RD or WR
0
ns (min)
tCS HOLD
CS hold after RD or WR
0
ns (min)
tWR SETUP
D0-D9 data valid before rising edge
of WR (setup time)
5
ns (min)
DC and Logic Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=DGNDI/O=0V, VA=VD=+5.0VDC, VDI/O=+5.0 or +3.3VDC, VREF IN = +2.0VDC,
fMCLK=24MHz, Rs=25Ω. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com