Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 13Page - National Semiconductor (TI) LM9812 Datasheet HTML 14Page - National Semiconductor (TI) LM9812 Datasheet HTML 15Page - National Semiconductor (TI) LM9812 Datasheet HTML 16Page - National Semiconductor (TI) LM9812 Datasheet HTML 17Page - National Semiconductor (TI) LM9812 Datasheet HTML 18Page - National Semiconductor (TI) LM9812 Datasheet HTML 19Page - National Semiconductor (TI) LM9812 Datasheet HTML 20Page - National Semiconductor (TI) LM9812 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17
http://www.national.com
Diagram 20: Digital Data Timing, output data and coefficient data on same bus, two clocks (OCLK and
GCLK) for coefficient data, OCLK and GCLK input to LM9812, OCLK and GLCK phase = 0°.
EOC
CD0-CD9
tSETUP
tHOLD
tSETUP
tHOLD
R Gainn
R Offsetn
G Gainn
G Offsetn
B Gainn-1
tGCLK-EOC (GCLK IN)
tOCLK-EOC 1 (OCLK IN)
B Output Datan-1
G Output Datan-1
D0-D9
R Outn
GCLK (to LM9812)
OCLK (to LM9812)
Diagram 21: Digital Data Timing, output data and coefficient data on same bus, two clocks (OCLK and
GCLK) for coefficient data, OCLK and GCLK input to LM9812, OCLK and GLCK phase = 180°.
EOC
CD0-CD9
tSETUP
tHOLD
tSETUP
tHOLD
G Gainn
G Offsetn
B Gainn
B Offsetn
R Gainn-1
tGCLK-EOC (GCLK IN)
tOCLK-EOC 1 (OCLK IN)
B Output Datan-1
G Output Datan-1
D0-D9
R Outn
GCLK (to LM9812)
OCLK (to LM9812)
Diagram 22: RD PIXEL Output Timing (Data Read Phase = 0°)
DATA (INTERNAL)
EOC
D0-D9
Green Output Datan-1
B Output Datan-1
RD PIXEL
Bn-1
tDATAVALID
tDACC
tD1H, tD0H
Green Internal Datan-1
Blue Internal Datan-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com