Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 19Page - National Semiconductor (TI) LM9812 Datasheet HTML 20Page - National Semiconductor (TI) LM9812 Datasheet HTML 21Page - National Semiconductor (TI) LM9812 Datasheet HTML 22Page - National Semiconductor (TI) LM9812 Datasheet HTML 23Page - National Semiconductor (TI) LM9812 Datasheet HTML 24Page - National Semiconductor (TI) LM9812 Datasheet HTML 25Page - National Semiconductor (TI) LM9812 Datasheet HTML 26Page - National Semiconductor (TI) LM9812 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
23
http://www.national.com
TR1
Pulse Duration
(16)
TR2
Pulse Duration
(17)
D5
(MSB)
0
0
0
• • •
1
1
1
D4
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
(LSB)
0
1
0
• • •
1
0
1
= (x/2)tpixel, where
tpixel = 12tMCLK for
3 channel mode,
tpixel = 8tMCLK for 2
channel mode
(except for x = 0:
duration for x = 0 is
0.5tpixel, same as
for x = 1)
TR Pulse Width
0.5 tpixel
0.5 tpixel
1.0 tpixel
• • •
30.5 tpixel
31.0 tpixel
31.5 tpixel
TR1/TR2 - Ø1
Guardband
(18)
D5
(MSB)
0
0
0
• • •
1
1
1
D4
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
(LSB)
0
1
0
• • •
1
0
1
= (x/2)tpixel, where
tpixel = 12tMCLK for
3 channel mode,
tpixel = 8tMCLK for 2
channel mode
(except for x = 0:
guardband for x = 0
is 0.5tpixel, same
as for x = 1)
TR Guardband
0.5 tpixel
0.5 tpixel
1.0 tpixel
• • •
30.5 tpixel
31.0 tpixel
31.5 tpixel
Optical Black
Clamp Start
Position
(Must be Š
RS Pulse Width)
(19)
D4
(MSB)
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
(LSB)
0
1
0
• • •
1
0
1
Clamp Start
(1/(2*fMCLK))
0
1
2
• • •
29
30
31
Optical Black
Clamp Stop
Position
(20)
D4
(MSB)
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
(LSB)
0
1
0
• • •
1
0
1
Clamp Stop
(1/(2*fMCLK))
0
1
2
• • •
29
30
31
Reset Pulse
Width
(Minimum Value
Is 1)
(21)
D7
(MSB)
0
0
0
1
1
1
1
D6
0
1
1
0
0
1
1
D5
(LSB)
1
0
1
0
1
0
1
RS Pulse Width
(1/(2*fMCLK))
1
2
3
4
5
6
7
Table 2: Configuration Register Parameters (Continued)
Note: t
MCLK = 1/fMCLK = 1 MCLK period. Examples given in parenthesis are for fMCLK = 24MHz (tMCLK = 41.66ns).
Parameter
(Address)
Control Bits
Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com