Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 3Page - National Semiconductor (TI) LM9812 Datasheet HTML 4Page - National Semiconductor (TI) LM9812 Datasheet HTML 5Page - National Semiconductor (TI) LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) LM9812 Datasheet HTML 10Page - National Semiconductor (TI) LM9812 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
http://www.national.com
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional,
but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND=AGND=DGND=DGNDI/O=0V, unless otherwise specified.
Note 3: When the input voltage (VIN) at any pin exceeds the power supplies (VIN<GND or VIN>VA or VD), the current at that pin should be limited to 25mA. The 50mA max-
imum package input current rating limits the number of pins that can simultaneously safely exceed the power supplies with an input current of 25mA to two.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, ΘJA and the ambient temperature, TA. The maximum allow-
able power dissipation at any temperature is PD = (TJmax - TA) / ΘJA. TJmax = 150°C for this device. The typical thermal resistance (ΘJA) of this part when board mounted
is 52°C/W for the V52A PLCC package
.
Note 5: Human body model, 100pF capacitor discharged through a 1.5k
Ω resistor.
Note 6: See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in any post 1986 National Semiconduc-
tor Linear Data Book for other methods of soldering surface mount devices.
Note 7: A Zener diode clamps the OS analog inputs to AGND as shown below. This input protection, in combination with the external clamp capacitor and the output
impedance of the sensor, prevents damage to the LM9812 from transients during power-up.
Note 8: To guarantee accuracy, it is required that VA and VD be connected together to the same power supply with separate bypass capacitors at each supply pin.
Note 9: Typicals are at TJ=TA=25°C, fMCLK = 24MHz, and represent most likely parametric norm.
Note 10: Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Note 11: Integral linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that best fits the actual transfer function of the ADC.
Note 12: VREF is defined as the CCD OS voltage for the reference period following the reset feedthrough pulse. VWHITE is defined as the peak CCD pixel output voltage for
a white (full scale) image with respect to the reference level, VREF . VRFT is defined as the peak positive deviation above VREF of the reset feedthrough pulse. The maximum
correctable range of pixel-to-pixel VWHITE variation is defined as the maximum variation in VWHITE (due to PRNU, light source intensity variation, optics, etc.) that the
tEOC LOW
EOC low time
2*tMCLK
ns
tEOC HIGH
EOC high time
2*tMCLK
ns
tDATA VALID
D0-D9 data valid from falling (Data
Read Phase = 0°)
or rising (Data Read
Phase = 180°)
edge of EOC
4*tMCLK-20ns
ns (min)
tOCLK-EOC 1
(OCLK IN)
OCLK rising edge to EOC falling edge
(Gain Coefficient Write Phase = 0°),
OCLK falling edge to EOC falling edge
(Gain Coefficient Write Phase = 180°)
1 bus mode w/ext OCLK
tMCLK + 40ns
4*tMCLK
ns (min)
ns (max)
tOCLK-EOC 2
(OCLK IN)
OCLK rising edge to EOC rising edge
(Gain Coefficient Write Phase = 0°),
OCLK falling edge to EOC rising edge
(Gain Coefficient Write Phase = 180°)
2 bus mode w/ext OCLK
40ns
3*tMCLK
ns (min)
ns (max)
tGCLK-EOC
(GCLK IN)
GCLK rising edge to EOC falling edge
(Gain Coefficient Write Phase = 0°),
GCLK falling edge to EOC falling edge
(Gain Coefficient Write Phase = 180°)
w/ext GCLK
40ns
3*tMCLK
ns (min)
ns (max)
AC Electrical Characteristics, MCLK Dependent (Continued)
The following specifications apply for AGND=DGND=DGNDI/O=0V, VA=VD=VDI/O=+5.0VDC, VREF IN = +2.0VDC, fMCLK=24MHz,
tMCLK=1/fMCLK, tr=tf=5ns, Rs=25Ω, CL (databus loading) = 50pF/pin. Refer to Table 2: Configuration Register Parameters for limits
labeled C.R. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
To Internal
Circuitry
OS Input
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com