Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 12Page - National Semiconductor (TI) LM9812 Datasheet HTML 13Page - National Semiconductor (TI) LM9812 Datasheet HTML 14Page - National Semiconductor (TI) LM9812 Datasheet HTML 15Page - National Semiconductor (TI) LM9812 Datasheet HTML 16Page - National Semiconductor (TI) LM9812 Datasheet HTML 17Page - National Semiconductor (TI) LM9812 Datasheet HTML 18Page - National Semiconductor (TI) LM9812 Datasheet HTML 19Page - National Semiconductor (TI) LM9812 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
16
http://www.national.com
B Output Datan-1
B Output Datan-1
G Output Datan-1
G Output Datan-1
G Gainn
G Offn
R Gainn
R Offn
Diagram 17: Digital Data Timing, output data and coefficient data on same buses, one clock
(GCLK) for coefficient data, GCLK generated by LM9812.
EOC = RD PIXEL
EXTERNAL DATABUS
D0-D9
R Outn
R Outn
tGCLK-EOC
tSETUP
tHOLD
CD0-CD9
R Gainn
R Offsetn
G Gainn
G Offsetn
B Gainn-1
tSETUP
tHOLD
GCLK (from LM9812)
Diagram 18: Digital Data Timing, output data and coefficient data on separate buses, two clocks (OCLK and
GCLK) for coefficient data, OCLK and GCLK input to LM9812, OCLK and GLCK phase = 0°, RD PIXEL held low.
EOC
CD0-CD9
GCLK (to LM9812)
OCLK (to LM9812)
R Gainn
R Offn
G Gainn
G Offn
tSETUP
tHOLD
tSETUP
tHOLD
tGCLK-EOC (GCLK IN)
B Gainn-1
D0-D9
G Output Datan-1
B Output Datan-1
tOCLK-EOC 2 (OCLK IN)
Diagram 19: Digital Data Timing, output data and coefficient data on separate buses, two clocks (OCLK and
GCLK) for coefficient data, OCLK and GCLK input to LM9812, OCLK and GLCK phase = 180°, RD PIXEL held low.
EOC
CD0-CD9
GCLK (to LM9812)
OCLK (to LM9812)
G Gainn
G Offn
B Gainn
B Offn
tSETUP
tHOLD
tSETUP
tHOLD
tGCLK-EOC (GCLK IN)
R Gainn-1
D0-D9
G Output Datan-1
B Output Datan-1
tOCLK-EOC 2 (OCLK IN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com