Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 14Page - National Semiconductor (TI) LM9812 Datasheet HTML 15Page - National Semiconductor (TI) LM9812 Datasheet HTML 16Page - National Semiconductor (TI) LM9812 Datasheet HTML 17Page - National Semiconductor (TI) LM9812 Datasheet HTML 18Page - National Semiconductor (TI) LM9812 Datasheet HTML 19Page - National Semiconductor (TI) LM9812 Datasheet HTML 20Page - National Semiconductor (TI) LM9812 Datasheet HTML 21Page - National Semiconductor (TI) LM9812 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
http://www.national.com
Diagram 23: RD PIXEL Output Timing (Data Read Phase = 180°)
DATA (INTERNAL)
EOC
D0-D9
Green Output Datan-1
B Output Datan-1
RD PIXEL
Bn-1
tDATAVALID
tDACC
tD1H, tD0H
Green Internal Datan-1
Blue Internal Datan-1
Diagram 24: Writing to the Configuration Register, RD held high.
WR
D0-D7
CS
ADDRESS
DATA
Note: To read from the Configuration Register, SYNC must be low, either by driving SYNC low (in SYNC IN mode), or taking RUN/STOP low and wait-
ing for SYNC to go low at the end of a line (in SYNC OUT mode). The Configuration Register can be written to independent of the state of SYNC.
tCS HOLD
tCS SETUP
tWR SETUP
tWR HOLD
tWR SETUP
tWR HOLD
tCS HOLD
tCS SETUP
Diagram 25: Reading the Configuration Register
WR
D0-D7
CS
ADDRESS
DATA
tCS HOLD
tCS SETUP
tWR SETUP
tWR HOLD
tCS HOLD
tCS SETUP
RD
tD1H, tD0H
tDACC
Note: To read from the Configuration Register, SYNC must be low, either by driving SYNC low (in SYNC IN mode), or taking RUN/STOP low and wait-
ing for SYNC to go low at the end of a line (in SYNC OUT mode). The Configuration Register can be written to independent of the state of SYNC.
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com