Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9812 Datasheet HTML 1Page - National Semiconductor (TI) LM9812 Datasheet HTML 2Page - National Semiconductor (TI) LM9812 Datasheet HTML 3Page - National Semiconductor (TI) LM9812 Datasheet HTML 4Page - National Semiconductor (TI) LM9812 Datasheet HTML 5Page - National Semiconductor (TI) LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
http://www.national.com
Electrical Characteristics
The following specifications apply for AGND=DGND=DGNDI/O=0V, VA=VD=+5.0VDC, VDI/O=+5.0 or +3.3VDC, VREF IN = +2.0VDC,
fMCLK=24MHz, Rs=25Ω. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7, 8, & 12)
CCD/CIS Source Requirements for Full Specified Accuracy and Dynamic Range (Note 12)
VOS PEAK
Sensor’s Maximum Peak Differential
Signal Range
Color Balance PGA gain = 0.933
Color Balance PGA gain = 3.0
Color Balance PGA gain = 9.0
(Blue Channel, BOOST on)
1.0
0.33
0.11
V (min)
V (min)
V (min)
Sensor’s Maximum Correctable Range
of Pixel-to-Pixel VWHITE Variation/Color
Range 0
Range 1
Range 2
67 (1:3)
50 (1:2)
33 (1:1.5)
%
%
%
Coarse Color Balance PGA Characteristics
Monotonicity
5
bits (min)
G0 (Minimum PGA Gain)
PGA Setting = 0
0.93
0.90
0.97
V/V (max)
V/V (min)
G31 (Maximum PGA Gain)
PGA Setting = 31
3.00
2.85
3.20
V/V (max)
V/V (min)
GBLUE BOOST
Blue PGA Boost Setting = x3
3.00
2.72
3.27
V/V (max)
V/V (min)
Gain Error at any gain (Note 14)
±1.0
±4.0
% (min)
% (max)
Static Offset DAC Characteristics
Monotonicity
6
bits (min)
Offset DAC LSB size
In units of ADC LSBs
4.2
1.3
7.2
LSB (min)
LSB (max)
Offset DAC Adjustment Range
In units of ADC LSBs
±130
±118
LSB (min)
ADC Characteristics
Resolution with No Missing Codes
10
Bits (min)
ILE
Integral Linearity Error (Note 11)
±0.4
±1.5
LSB (max)
DNL
Differential Non-Linearity
-0.14
+0.32
-0.5
+1.0
LSB (min)
LSB (max)
System Characteristics
C
Analog Channel Gain Constant
2.00
1.83
2.17
(min)
(max)
Positive Supply Voltage (V+=VA=VD=VDI/O)
With Respect to GND=AGND=DGND=DGNDI/O
6.5V
Voltage On Any Input or Output Pin
0.3V to V++0.3V
Input Current at any pin (Note 3)
±25mA
Package Input Current (Note 3)
±50mA
Package Dissipation at TA = 25°C (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2000V
Soldering Information
Infrared, 10 seconds (Note 6)
300°C
Storage Temperature
-65°C to +150°
Operating Temperature Range
TMIN≤TA≤TMAX
LM9812CCV
0°C
≤T
A≤+70°C
VA Supply Voltage
+4.75V to +5.25V
VD Supply Voltage
+4.75V to +5.25V
VDI/O Supply Voltage
+3.0V to +5.25V
|VA-VD|
≤ 100mV
VA-VDI/O
< -100mV
OSR, OSG, OSB, VREF IN
Input Voltage Range
-0.05V to VA + 0.05V
CD0-CD9, D0-D9, MCLK, SYNC,
RUN/STOP, CS, RD, WR, RD PIXEL
Input Voltage Range
-0.05V to VDI/O + 0.05V
Absolute Maximum Ratings (Notes 1 & 2)
Operating Ratings (Notes 1 & 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com