Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 18Page - National Semiconductor (TI) LM9812 Datasheet HTML 19Page - National Semiconductor (TI) LM9812 Datasheet HTML 20Page - National Semiconductor (TI) LM9812 Datasheet HTML 21Page - National Semiconductor (TI) LM9812 Datasheet HTML 22Page - National Semiconductor (TI) LM9812 Datasheet HTML 23Page - National Semiconductor (TI) LM9812 Datasheet HTML 24Page - National Semiconductor (TI) LM9812 Datasheet HTML 25Page - National Semiconductor (TI) LM9812 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
22
http://www.national.com
Multiplier Gain
Range
(9)
D3
0
0
1
1
D2
0
1
0
1
Range 0, 67% (1:3)
Range 1, 50% (1:2)
Range 2, 33% (1:1.5)
Not Used
Multiplier
Coefficient
Source
(9)
D1
0
1
External CD0-CD9 Bus
Internal Register
Offset Coefficient
Source
(9)
D0
0
1
External CD0-CD9 Bus
Internal Register
Dummy Pixels
(Minimum Value
is 0)
(10)
D7
0
0
0
• • •
1
1
1
D6
0
0
0
• • •
1
1
1
D5
0
0
0
• • •
1
1
1
D4
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
0
1
0
• • •
1
0
1
0
1
2
• • •
253
254
255
Optical Black
Pixels
(Minimum Value
is 1)
(11)
D7
0
0
0
• • •
1
1
1
D6
0
0
0
• • •
1
1
1
D5
0
0
0
• • •
1
1
1
D4
0
0
0
• • •
1
1
1
D3
0
0
0
• • •
1
1
1
D2
0
0
0
• • •
1
1
1
D1
0
1
1
• • •
0
1
1
D0
1
0
1
• • •
1
0
1
1
2
3
• • •
253
254
255
Active Pixels
(Minimum Value
is 0)
(12, 13)
D13
(MSB)
0
0
0
• • •
1
1
1
D12
0
0
0
• • •
1
1
1
D11
0
0
0
• • •
1
1
1
• • •
• • •
• • •
• • •
D2
0
0
0
• • •
1
1
1
D1
0
0
1
• • •
0
1
1
D0
(LSB)
0
1
0
• • •
1
0
1
Active Pixels
0
1
2
• • •
16381
16382
16383
End of Line
Integration Pixels
(Minimum Value
is 5)
(14, 15)
D13
(MSB)
0
0
0
• • •
1
1
1
D12
0
0
0
• • •
1
1
1
D11
0
0
0
• • •
1
1
1
• • •
• • •
• • •
• • •
D2
1
1
1
• • •
1
1
1
D1
0
1
1
• • •
0
1
1
D0
(LSB)
1
0
1
• • •
1
0
1
End-of-Line Pixels
5
6
7
• • •
16381
16382
16383
Table 2: Configuration Register Parameters (Continued)
Note: t
MCLK = 1/fMCLK = 1 MCLK period. Examples given in parenthesis are for fMCLK = 24MHz (tMCLK = 41.66ns).
Parameter
(Address)
Control Bits
Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com