Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9812 Datasheet HTML 1Page - National Semiconductor (TI) LM9812 Datasheet HTML 2Page - National Semiconductor (TI) LM9812 Datasheet HTML 3Page - National Semiconductor (TI) LM9812 Datasheet HTML 4Page - National Semiconductor (TI) LM9812 Datasheet HTML 5Page - National Semiconductor (TI) LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
http://www.national.com
VOS1
Pre-PGA Analog Channel Offset Error
CCD Mode
In units of ADC LSBs
+5
-40
+40
LSB (min)
LSB (max)
VOS1
Pre-PGA Analog Channel Offset Error
CIS Mode
In units of ADC LSBs
+32
-65
+135
LSB (min)
LSB (max)
VOS2
Post-PGA Analog Channel Offset Error
In units of ADC LSBs
-5
-40
+30
LSB (min)
LSB (max)
Reference and Analog Input Characteristics
OSR, OSG, OSB Input Capacitance
5
pF
OSR, OSG, OSB Input Leakage Current
Measured with OS = 2.5VDC
2
20
nA (max)
VREF IN Input Leakage Current
Measured with VREF IN = 2.0VDC
4
20
nA (max)
DC and Logic Electrical Characteristics
The following specifications apply for AGND=DGND=DGNDI/O=0V, VA=VD=+5.0VDC, VDI/O=+5.0 or +3.3VDC, VREF IN = +2.0VDC,
fMCLK=24MHz, Rs=25Ω. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7 & 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
D0-D9, CD0-CD9, MCLK, RUN/STOP, SYNC, CS, RD, WR, RD PIXEL Digital Input Characteristics
VIN(1)
Logical “1” Input Voltage
VDI/O=5.25V
VDI/O=3.6V
2.0
2.0
V (min)
V (min)
VIN(0)
Logical “0” Input Voltage
VDI/O=4.75V
VDI/O=3.0V
0.8
0.7
V (max)
V (max)
IIN
Input Leakage Current
VIN=VD
VIN=DGND
0.1
-0.1
µA
µA
CIN
Input Capacitance
5
pF
D0-D9, EOC, GCLK, OCLK, SYNC Digital Output Characteristics
VOUT(1)
Logical “1” Output Voltage
VDI/O=4.75V, IOUT=-360µA
VDI/O=4.75V, IOUT=-10µA
VDI/O=3.0V, IOUT=-360µA
VDI/O=3.0V, IOUT=-10µA
2.4
4.4
2.1
2.5
V (min)
V (min)
V (min)
V (min)
VOUT(0)
Logical “0” Output Voltage
VDI/O=5.25V, IOUT=1.6mA
VDI/O=3.6V, IOUT=1.6mA
0.4
0.4
V (max)
V (max)
IOUT
TRI-STATE® Output Current
(D0-D9 only)
VOUT=DGND
VOUT=VD
0.1
-0.1
µA
µA
Ø1, Ø2, RS, TR1, TR2 Digital Output Characteristics
VOUT(1)
Logical “1” Output Voltage
VD=4.75V, IOUT=-360µA
VD=4.75V, IOUT=-10µA
2.4
4.4
V (min)
V (min)
VOUT(0)
Logical “0” Output Voltage
VD=5.25V, IOUT=1.6mA
0.4
V (max)
Power Supply Characteristics
IA
Analog Supply Current
Operating
Standby
60
7
85
10
mA (max)
mA (max)
ID
Digital Supply Current
Operating
Standby
4.7
0.1
10
1.0
mA (max)
mA (max)
Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=DGNDI/O=0V, VA=VD=+5.0VDC, VDI/O=+5.0 or +3.3VDC, VREF IN = +2.0VDC,
fMCLK=24MHz, Rs=25Ω. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7, 8, & 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com