Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 5Page - National Semiconductor (TI) LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) LM9812 Datasheet HTML 10Page - National Semiconductor (TI) LM9812 Datasheet HTML 11Page - National Semiconductor (TI) LM9812 Datasheet HTML 12Page - National Semiconductor (TI) LM9812 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
http://www.national.com
Pin Descriptions
Sensor Driver Signals
ø1
Digital Output. Clock signal, phase 1.
ø2
Digital Output. Clock signal, phase 2.
RS
Digital Output. Reset pulse.
TR1, TR2
Digital Output. Transfer pulses.
Analog I/O
OSR, OSG,
OSB,
Analog Inputs. These inputs (for Red, Green,
and Blue) should be tied to the sensor’s OS
(Output Signal) through DC blocking capaci-
tors.
VREF IN
Analog Input. This is the system reference volt-
age input and should be connected to a 2.0V
voltage source and bypassed to AGND with a
0.05µF monolithic capacitor.
VREF LO OUT,
VREF LO IN
Analog Output/Input. VREF LO OUT is a voltage
equal to 0.49VA - VREF IN/2 (1.45V for VREF
IN=2V) developed by the LM9812. It should be
tied to VREF LO IN and bypassed to AGND with
a 0.05µF monolithic capacitor.
VREF MID OUT,
VREF MID IN
Analog Output/Input. VREF MID OUT is a voltage
equal to 0.49VA (2.45V for VREF IN=2V) devel-
oped by the LM9812. It should be tied to VREF
MID IN and bypassed to AGND with a 0.05µF
monolithic capacitor.
VREF HI OUT,
VREF HI IN
Analog Output/Input. VREF HI OUT is a voltage
equal to 0.49VA + VREF IN/2 (3.45V for VREF
IN=2V) developed by the LM9812. It should be
tied to VREF HI IN and bypassed to AGND with a
0.05µF monolithic capacitor.
Configuration Register I/O
CS
Digital Input. This is the Chip Select signal for
reading or writing to the Configuration Register
through the D0-D9 databus. This input must be
low in order to enable writing to or reading from
the Configuration Register.
RD
Digital Input. A low signal on this input, when
SYNC and CS are also low, places the data in
the currently addressed Configuration Regis-
ter on the D0-D9 databus. A RD cycle also
resets the internal address latching state
machine. NOTE: If this pin is taken low when
CS is high, the D0-D9 databus will come out of
tri-state and drive random data onto the bus.
WR
Digital Input. This input, when simultaneously
asserted along with CS, transfers the data on
the D0-D9 databus to the LM9812. If this is the
first write in the cycle, this data is the address
to be read or written to. If this is the second
write in the cycle, this data is the data to be
written to the Configuration Register at the cur-
rently latched address. Writing to the Configu-
ration Register is independent of the state of
SYNC.
General Digital I/O
MCLK
Digital Input. This is the 24MHz (typical) master
system clock.
SYNC
Digital Input (SYNC_IN mode) /
Digital Output (SYNC_OUT mode).
In the SYNC_IN mode, a low-to-high transition
on this input begins a line scan operation. The
line scan operation terminates when SYNC is
taken low. In the SYNC_OUT mode, the rising
edge of this output indicates the start of a line
of data and the falling edge indicates the end of
a line of data.
RUN/STOP
Digital Input. In the SYNC_OUT mode, this
input should be taken high to begin converting
a series of lines, and taken low to stop convert-
ing a series of lines. In the SYNC_IN mode this
input is ignored.
Digital Coefficient I/O
CD0 (LSB) -
CD9 (MSB)
Digital Inputs. This is the 10 bit data path for
the pixel-rate gain coefficient and offset data.
OCLK
Digital Input/Output. This is the signal that is
used to clock the Offset coefficients into the
LM9812 through the CD0-CD9 databus. This
can be either an output or an input depending
on the state of bit 7 of Register 9. Data is
latched on the rising edge of OCLK.
GCLK
Digital Input/Output. This is the signal that is
used to clock the Shading (gain) coefficients
into the LM9812 through the CD0-CD9 data-
bus. This can be either an output or an input
depending on the state of bit 7 of Register 9.
Data is latched on the rising edge of GCLK.
Digital Output I/O
D0 (LSB)-
D9 (MSB)
Digital Inputs/Outputs. When SYNC is high and
RD PIXEL is low, this data bus outputs the 10
bit digital output data during line scan. This
databus is also used for reading or writing to
the Configuration Register using the RD, WR
and CS signals. Writing to the Configuration
Register can occur at any time. Reading from
the Configuration Register can only occur
when SYNC is low.
EOC
Digital Output. This is the End Of Conversion
signal from the LM9812 indicating that new
pixel data is available on the D0-D9 databus.
RD PIXEL
Digital Input. When SYNC is high, taking this
input low places the digital pixel data stored in
the output latch onto the D0-D9 bus. This input
is ignored when SYNC is low.
Test
TEST
Analog Output. This pin can be used to view
the CDS and Clamp signals. See Register 27,
bits 6 and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com