Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9812 Datasheet HTML 1Page - National Semiconductor (TI) LM9812 Datasheet HTML 2Page - National Semiconductor (TI) LM9812 Datasheet HTML 3Page - National Semiconductor (TI) LM9812 Datasheet HTML 4Page - National Semiconductor (TI) LM9812 Datasheet HTML 5Page - National Semiconductor (TI) LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
http://www.national.com
Block Diagram
Blue Gain
Boost
Coarse Color
Balance PGAs
VD
VA
VDI/O
MCLK
SYNC
AGND
DGND
ø1
ø2
RS
EOC
TR1
DGNDI/O
DACR
Offset
²
+
+
OSR
RED OS
from Sensor
CDS
OSG
GREEN OS
from Sensor
CDS
OSB
BLUE OS
from Sensor
CDS
x1-x3
x1-x3
x1-x3
DACG
Offset
²
+
+
DACB
Offset
²
+
+
10-Bit,
ADC
6MHz
10 bits
OCLK
TR2
CS
+
-
+
Gain/Offset
Coefficients
Pixel-Rate Offset Subtractor
Pixel-Rate
Shading Multiplier
GCLK
RUN/STOP
Pixel Data Output/
Control Data I/O
WR
RD
TEST
RD PIXEL
x1or x3
Static
Offset
DACs
VREF IN
VREF LO OUT
VREF LO IN
VREF MID OUT
VREF MID IN
VREF HI OUT
VREF HI IN
10
D0-D9
CD0-CD9
10
Pixel Data
Latch
Control
Logic
Configuration
Register
CLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com