Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM9812 Datasheet HTML 15Page - National Semiconductor (TI) LM9812 Datasheet HTML 16Page - National Semiconductor (TI) LM9812 Datasheet HTML 17Page - National Semiconductor (TI) LM9812 Datasheet HTML 18Page - National Semiconductor (TI) LM9812 Datasheet HTML 19Page - National Semiconductor (TI) LM9812 Datasheet HTML 20Page - National Semiconductor (TI) LM9812 Datasheet HTML 21Page - National Semiconductor (TI) LM9812 Datasheet HTML 22Page - National Semiconductor (TI) LM9812 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19
http://www.national.com
Table 1: Configuration Register Address Table
Address
(Decimal)
Address
(Binary)
Data Bits
A4 A3 A2 A1 A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
000
Static Offset (Red)
-
-
Sign
MSB
LSB
1
0
0
001
Static Offset (Green)
-
-
Sign
MSB
LSB
2
0
0
010
Static Offset (Blue)
-
-
Sign
MSB
LSB
3
0
0
011
Coarse Color Balance PGA (Red)
--
-
MSB
LSB
4
0
0
100
Coarse Color Balance PGA (Green)
--
-
MSB
LSB
5
0
0
101
Coarse Color Balance PGA (Blue)
x3
-
-
MSB
LSB
6
0
0
110
Internal Offset Subtractor Coefficient
MSB
LSB
7
0
0
111
Internal Gain Multiplier Coefficient
LSB
8
0
1
000
Internal Gain Multiplier Coefficient (LM9812 only)
--
--
--
MSB
9
0
1
001
Misc Group 1
Internal
External
Coefficient
Clock
-
Number of
Coefficient
Clocks
Number of
Databusses
in System
Multiplier
Gain Range
1
Multiplier
Gain Range
0
Multiplier
Coefficient
Source
Offset
Coefficient
Source
10
01
010
Number of Dummy Pixels
MSB
LSB
11
01
011
Number of Optical Black Pixels
MSB
LSB
12
01
100
Number of Active Pixels (LSB)
LSB
13
01
101
Number of Active Pixels (MSB)
--
MSB
14
01
110
Number of End of Line Integration Pixels (LSB)
LSB
15
01
111
Number of End of Line Integration Pixels (MSB)
--
MSB
16
10
000
TR1 Pulse Duration
--
MSB
LSB
17
10
001
TR2 Pulse Duration
--
MSB
LSB
18
10
010
TR1/TR2 Guardbands
--
MSB
LSB
19
10
011
Optical Black Clamp Start
--
-
MSB
LSB
20
10
100
Optical Black Clamp End
--
-
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com