Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9812 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9812
Description  LM9812 30-Bit Color Linear CCD Sensor Processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9812 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9812 Datasheet HTML 1Page - National Semiconductor (TI) LM9812 Datasheet HTML 2Page - National Semiconductor (TI) LM9812 Datasheet HTML 3Page - National Semiconductor (TI) LM9812 Datasheet HTML 4Page - National Semiconductor (TI) LM9812 Datasheet HTML 5Page - National Semiconductor (TI) LM9812 Datasheet HTML 6Page - National Semiconductor (TI) LM9812 Datasheet HTML 7Page - National Semiconductor (TI) LM9812 Datasheet HTML 8Page - National Semiconductor (TI) LM9812 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
http://www.national.com
General Description
The LM9812 is a high performance integrated signal proces-
sor/digitizer for color linear CCD image scanners. The LM9812
performs all the signal processing (correlated double sampling,
pixel rate offset and shading correction, color balance control,
and 10-bit analog-to-digital conversion) necessary to maximize
the performance of a wide range of linear CCD sensors.
The LM9812 can be digitally programmed to work with a wide
variety of CCDs from different manufacturers, including both 3
output RGB and 2 output GRGB CCDs. An internal Configura-
tion Register sets CCD and sampling timing to maximize perfor-
mance, simplifying the design and manufacturing processes. For
complementary voltage reference see the LM4041-ADJ.
Applications
• Color Flatbed Document Scanners
• Color Sheetfed Scanners
• Multifunction Imaging Products
• Digital Copiers
• General Purpose Linear CCD Imaging
Features
• 6 million pixels/s conversion rate (2MHz/channel x 3)
• Pixel rate shading (gain) correction for individual pixels
eliminates errors from PRNU, illumination, etc.
• Digitally programmed color balance controls
• Pixel rate offset correction for highest quality in dark regions
• Correlated Double Sampling for lowest noise
• Reference and signal sampling points digitally controlled in
20ns increments
• 2x and 4x analog fast preview/low resolution modes
• Digital control of CCD integration time
• Generates all necessary CCD clock signals
• Compatible with a wide range of color linear CCDs and
Contact Image Sensors (CIS)
• TTL/CMOS input/output compatible
Key Specifications
• Output Data Resolution
10 Bits
• Pixel Conversion Rate (total)
6MHz
• Supply Voltage
+5V±5%
• Supply Voltage (Digital I/O)
+3.3V±10% or +5V±5%
• Power Dissipation (typical)
390mW
LM9812 30-Bit Color Linear CCD Sensor Processor
Connection Diagrams
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25 26 27 28 29 30 31 32 33
34
35
36
37
38
39
TR2
ø1
TR1
SYNC
RUN/STOP
ø2
RS
52 51 50 49 48 47
40
41
42
43
44
45
46
VDI/O
DGNDI/O
MCLK
CS
GCLK
OCLK
WR
RD
RD PIXEL
LM9812CCV
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Ordering Information
Commercial (0°C
≤ T
A ≤ +70°C)
Package
LM9812CCV
V52A 52 Pin Plastic Leaded Chip Carrier
December 1997
N
©1997 National Semiconductor Corporation
TRI-STATE® is a registered trademark of National Semiconductor Corporation.


Similar Part No. - LM9812

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9810 NSC-LM9810 Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
10/12-Bit Image Sensor Processor Analog Front End
logo
National Semiconductor ...
LM9810CCWM NSC-LM9810CCWM Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9810CCWMX NSC-LM9810CCWMX Datasheet
148Kb / 21P
LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
LM9811 NSC-LM9811 Datasheet
605Kb / 36P
10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
More results

Similar Description - LM9812

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3725A NEC-UPD3725A Datasheet
183Kb / 22P
5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR
logo
National Semiconductor ...
LM9811 NSC-LM9811 Datasheet
605Kb / 36P
10-Bit Greyscale/30-Bit Color Linear CCD Sensor Processor
logo
Texas Instruments
TLC8188 TI-TLC8188 Datasheet
153Kb / 12P
10-BIT, 4 MSPS, CIS/LINEAR CCD SENSOR PROCESSOR
logo
Sony Corporation
ILX516K SONY-ILX516K Datasheet
132Kb / 11P
3648 X 3pixel CCD Linear Sensor (Color)
ILX522K SONY-ILX522K Datasheet
180Kb / 12P
2048 X 2pixel CCD Linear Sensor (Color)
ILX524K SONY-ILX524K Datasheet
164Kb / 11P
2700 X 3pixel CCD Linear Sensor (Color)
ILX716K SONY-ILX716K Datasheet
145Kb / 12P
3648 X 3pixel CCD Linear Sensor (Color)
logo
National Semiconductor ...
LM9800 NSC-LM9800 Datasheet
619Kb / 34P
8-Bit Greyscale/24-Bit Color Linear CCD Sensor Processor
LM9801 NSC-LM9801 Datasheet
520Kb / 34P
Greyscale/24-Bit Color Linear CCD Sensor Processor
logo
Exar Corporation
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com