Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 16Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 17Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 18Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 19Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 20Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 21Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 22Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 23Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 20 -
Figure 11. Serial I/F Data read/write timing
SP_ADDR[5:0]
: 6bit address
SP_CTRL[1:0]
: 2bit Read/Write control (01: Write, 10: Read)
SP_DATA[7:0]
: 8bit Input/Output Data
* All transfer will be done MSB first.
2.3 GPIO+INT
GPIO block has 4 channel I/O function and interrupt. With GPIO CONTROL register (1Ah), it is possible to control Input or
Output setting of each channel individually. The output data is set in GPIO register (1Ch). When the port is set as input mode,
the input signal transition from “1” to “0” and from “0” to “1”, then generate interrupt signal with Edge detection. The held
interrupt signals are reset by GPIO INT RESET register (1Dh). Setting GPIO MASK register (1Bh) to “1” enables the
interrupt of GPIO. (Not MASKED, “1” at default in reset.)
2.4 INT REGISTER
In case the interrupt event has occurred, “1”, the signal is held in this register. INT detect and Reset are synchronized at the
rising edge of CLK32K. In case the interrupt event and reset signal are occurred at same time, interrupt event has priority.
RESETIN_N signal resets INT register (1Eh) to “0” (No INT detected), except alarm_int and ctfg_int. INT MASK register
(1Fh) to “1” (not masked). This block masks alarm_int and ctfg_int, which generated in RTCV block, but these signals are
reset with ALARM CONTROL register (0Dh) and CTFG CONTROL register (0Eh). The interrupt signal, INT_N, is an
“inverted OR” signal of value in INT register and GPIO register.
DATA-IN register is a port to read an interrupt status. The input data are through SYNC block except Alarm signal. Since this
is for just read back purpose, user cannot write any data.
BATID
RTC Alarm
Charger_Detect
OPT3
OPT1-
PWRONKEY-
SYNC block
DATA_IN registor (Addr: 20h)
Register
Figure 12. DATA-IN block
2.5 KEYPAD CONTROL & LED DRIVE
KEYPADCOL[3:0] are Open Drain output. The KEYPADROW[5:0] are Falling edge trigger input (input state transition from
“1” to “0”) and generate Interrupt signal, and are pulled up to LDO1. By providing 4 keypad-column outputs and 6 keypad-
row inputs the ADP3500 can monitor up to 24 keys with baseband chip. Writing Column outputs and Reading Row inputs are
controlled through serial interface. The address of the KEYPADROW is 19h, and KEYPADCOL is 18h. Initial register value
is “0” that means an output of KEYPADCOL is “High Impedance”.
Back-light drive is an open drain output. Maximum current of internal FET is 100mA. Initial register value is “0” that means
the output of BLIGHT is “High impedance”.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com