Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ADP3500AST Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 4Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 5Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 4 -
Vibrator LDO (LDO #5)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VLDO#5
Io = 1 to 150 mA
Ta= -30 to +85
°C
2.75
2.9
3.05
V
Dropout Voltage
VDO
Io = 150mA
200
mV
Output capacitor required for stability
C LDO#5
2.2
µF
GND Current
ILDO#5
Io = 150 mA
50
µA
Baseband Core Main-LDO (LDO #6a)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VLDO#6
Io = 1 to 50 mA
Ta= -30 to +85
°C
2.52
2.60
2.68
V
Output capacitor required for stability
C LDO#6
1
µF
Dropout Voltage
VDO
Io = 50 mA
160
mV
Start-up time from shutdown
250
µS
GND Current
ILDO#6
Io = 50 mA
50
µA
Baseband Core Sub-LDO (LDO #6b)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VLDO#6b
Io = 300
µA
Ta= -30 to +85
°C
2.5
2.57
2.7
V
GND Current
ILDO#6b
5
µA
RF Rx1 LDO (LDO #7)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output voltage
VLDO#7
Io = 1 to 100 mA
Ta= -30 to +85
°C
2.81
2.9
2.99
V
Output capacitor required for stability
C LDO#7
1.5
µF
Dropout voltage
VDO
Io = 100 mA
200
mV
Ripple rejection
f = 1KHz
50
dB
Output noise voltage
VNOISE
f = 100 Hz to 100KHz
40
µV
RMS
Start-up time from shutdown
250
µS
GND Current
ILDO#7
Io=100mA
50
µA
RF Tx LDO (LDO #8)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output voltage
VLDO#8
Io = 1 to 150 mA
Ta= -30 to +85
°C
2.81
2.9
2.99
V
Output capacitor required for stability
C LDO#8
2.2
µF
Dropout voltage
VDO
Io = 150mA
200
mV
Ripple Rejection
f = 1KHz
50
dB
Output noise voltage
VNOISE
f = 100 Hz to 100KHz
40
µV
RMS
Start-up time from shutdown
250
µS
GND Current
ILDO#8
Io=150mA
50
µA
RF Rx 2 LDO (LDO #9)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output voltage
VLDO#9
Io = 1 to 50 mA
Ta= -30 to +85
°C
2.81
2.9
2.99
V
Output capacitor required for stability
C LDO#9
1
µF
Dropout voltage
VDO
Io = 50mA
150
mV
Ripple Rejection
f = 1KHz
50
dB
Output noise voltage
VNOISE
f = 100 Hz to 100KHz
40
µV
RMS
Start-up time from shutdown
250
µS
GND Current
ILDO#9
Io=50mA
50
µA
RF Optional LDO (LDO #10)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output voltage
VLDO#10
Io= 1 to 50 mA
Ta= -30 to +85
°C
2.81
2.9
2.99
V
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com