Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 4Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 5Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 9Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 10Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 11Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 8 -
Frequency Jitter
Cycle to Cycle
>100cycles
fJITTER/S
EC
RTCV=3V, TA=25
°C
40*
50*
nS
nS
Long term Drift
RTCV=3V, 3 minutes
10*
ppm
SERIAL INTERFACE
Parameter
Min.
Typ.
Max
Units
Test Condition/Comments
tCKS
50
nS
CLK set-up time
tCSS
50
nS
CS set-up time
tCKH
100
nS
CLK “High” Duration
tCKL
100
nS
CLK “Low” Duration
tCSH
100
nS
CS hold time
tCSR
62
µS
CS recovery time
tDS
50
nS
Input data set-up time
tDH
40
nS
Input data hold time
tRD
50
nS
Data output delay time
tRZ
50
nS
Data output floating time
tCSZ
50
nS
Data output floating time after CS goes low.
Note: These parameters are not tested.
ABSOLUTE MAXIMUM RATINGS
Voltage on ADAPTER pin to GND ……………………………..... -0.3, 15Vmax
Voltage on VBAT pin to GND …………………………………… -0.3, 7Vmax
Voltage on Pin 6-13, 21-28 to GND ……………………………… -0.3, VLDO1+0.3Vmax
Voltage on Pin 1, 62-64 ………………………………………….. - 0.3, VBAT+0.3V max
Voltage on Pin 20, 32 …………………………………………….. - 0.3, VRTCV+0.3V max
Voltage on Pin 60, 61 ……………………………………………... - 0.3, VADAPTER+0.3V max
Voltage on Pin 2-5, 14, 30, 31, 33 …………………………………. - 0.3, 7V max
Storage Temperature Range ………………………………………. - 65 to +150
°C
Operating Temperature Range ……………………………………. - 30 to +85
°C
Maximum Junction Temperature …………………………………. 125
°C
θ
JA Thermal Impedance (LQFP-64) ………………………………. 2 layer board 76°C/W
θ
JA Thermal Impedance (LQFP-64) ………………………………. 4 layer board 54°C/W
Lead Temperature Range (Soldering, 60sec) ……………………... 300
°C
ORDERING GUIDE
Model
Temperature Range
Package
ADP3500AST
-30 C to 85 C
LQFP 64 pins
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com