Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 4Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 5Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 9Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 6 -
Charger Detect On Threshold
ADAPT
ER-
VBAT
110
165
225
mV
Charger Detect Off Threshold
ADAPT
ER-
VBAT
523
50
mV
Charger Supply Current
IADAPTER
ADAPTER=5V, VBAT=4.3V
2
mA
Current Limit Threshold
High Current Limit
(Full charge current enabled)
Low Current Limit
(Full charge current disabled)
ADAPT
ER-VISNS
ADAPTER=5V
VBAT=3.6V
VBAT=3.0 V
135
40
160
55
185
70
mV
mV
Pre-Charge Current Source
VBAT
≤ DDLO
357
mA
Base Pin Drive Current
Note 2.
15
28
mA
Deep Discharge Lock-Out (Releasing voltage)
DDLO
VBAT<DDLO, Ta=25C, 5mA Pre-
charge, VBAT ramping up
2.675
2.78
V
Deep Discharge Lock-Out Hysteresis
200
mV
ISENSE Bias Current
IISNS
VISNS=5V
1
µA
BATID pull-up resistor to ADAPTER
RBATID
70
100
130
K
Ω
Minimum Load for Stability
IL
BATID=H. Note 3.
10
mA
Note 1: Overhead includes external components, including sense resistor, PNP and isolation diode.
2: DDLO hysteresis is dependent upon DDLO threshold value. If DDLO threshold is at maximum, DDLO hysteresis is at
maximum at the same time.
3: Guaranteed but not tested.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com