Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 9Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 10Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 11Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 12Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 13Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 10 -
30
RESET+
O
RTCV
Reset output. Invert signal of RESETOUT-. Open drain and low OFF leak.
31
RESETOUT-
O
RTCV
Reset output. Follows Voltage Detector operation. Open drain output.
32
TEST
I
RTCV
Test pin. If the pin tied to RTCV, test mode runs. Connect to GND for normal operation.
33
RSTDELAY-
O
RTCV
Reset output. 50mS delayed. Connect to baseband’ reset input as typical application. Open
drain output.
34
VBAT
-
-
Supply input. Connect to Battery.
35
LDO11
O
VBAT
Regulator #11 output. Use for Optional circuit.
36
LDO1
O
VBAT
Regulator #1 output. Use for Baseband I/O supply.
37
VBAT
-
-
Supply input. Connect to Battery.
38
LDO3
O
VBAT
Regulator #3 output. If VBAT>2.7V, the output is always active. Use for Coin cell supply.
39
AGND
-
-
Analog Ground
40
REFO
O
VBAT
Output of LDO2 through FET switch.
41
LDO2
O
VBAT
Regulator #2 output. Use for Baseband analog supply.
42
VBAT
-
-
Supply input. Connect to Battery.
43
LDO4
O
VBAT
Regulator #4 output. Use for General analog supplies. Ex. Speaker Amp.
44
LDO5
O
VBAT
Regulator #5 output. Use for Vibrator.
45
VBAT
-
-
Supply input. Connect to Battery.
46
LDO6
O
VBAT
Regulator #6 output. Use for Baseband core supply.
47
LDO7
O
VBAT
Regulator #7 output. Use for RF Rx IC supply. Gated with SLEEP- signal input.
48
VBAT
-
-
Supply input. Connect to Battery.
49
LDO8
O
VBAT
Regulator #8 output. Use for RF Tx IC supply.
50
AGND
-
-
Analog Ground
51
LDO9
O
VBAT
Regulator #9 output. Use for RF Rx IC supply. Gated with SLEEP- input signal.
52
VBAT
-
-
Supply input. Connect to Battery.
53
LDO10
O
VBAT
Regulator #10 output. Use for Optional circuit.
54
BVS
-
-
Battery Voltage Sense input for Charger. Connect to Battery.
55
NRCAP
O
VBAT
Noise reduction capacitor. 0.1
µF MLCC.
56
AGND
-
-
Analog Ground
57
MVBAT
O
VBAT
Battery voltage divider output. Buffered internally. Connect to Baseband ADC.
58
BASE
O
ADAPTER Base drive output for PNP pass transistor
59
ADAPTER
-
-
AC adapter input. Use to charger supply.
60
BATID
I
ADAPTER Battery identification. 100K
Ω pulled up internally. “L”: Battery exist, “H”: No battery. If
BATID=”H”, Charger operates with “No current Limit”.
61
ISENSE
I
ADAPTER Charge current sense input
62
PWRONKEY-
I
VBAT
Power ON/OFF key input. Pulled up internally (140K
Ω).
63
OPT1-
I
VBAT
Optional Power ON input. ADP3500 will keep “power ON” during this pin goes “Low”.
64
OPT2-
I/O
VBAT
Optional Power ON input. ADP3500 will keep “power ON” during this pin goes “Low”.
While the part is powered up, the input is pulled to Low (GND) internally. Don’t connect to
any supply or signal source.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com