Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 12Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 13Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 14Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 15Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 16Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 17Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 18Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 19Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 16 -
ADP3500 and the external A/D converter, this full scale voltage may be trimmed digitally with 5 bits stored in register 12h. At full
scale input voltage, the output voltage of MVBAT can be scaled in 6 mV steps, allowing a very fine calibration of the battery voltage
measurement. The MVBAT buffer is enabled by the MVEN bit of register 11h, and will consume less than 1 uA of leakage current
when disabled.
1.4 REFERENCE
The ADP3500 has an internal, temperature compensated and trimmed band-gap reference. The battery charger and LDO's all use
this system reference. This reference is not available for use externally. However, to reduce thermal noise in the LDOs, the
reference voltage is brought out to the NRCAP pin through a 50kohm internal resistor. A cap on the NRCAP pin will complete a low
pass filter that will reduce the noise on the reference voltage. All the LDO's, with the exception of LDO3, use the filtered reference.
Since the reference voltage appears at NRCAP through a 50kohm series internal impedance, it is very important to never place any
load current on this pin. Even a volt meter with 10 megohm input impedance will affect the resulting reference voltage by about 6 or
7 mV, affecting the accuracy of the LDO's and charger. If for some reason the reference must be measured, be certain to use a high
impedance range on the volt meter or a discrete high impedance buffer prior to the measurement system.
2. LOGIC BLOCKS
ADP3500 has following logic functions.
• Three wire Serial Interface (CS, CLK, DATA)
• RTC counter section has Year, Month, Day, Week,
Hour, Minute, and Second, and controls Leap year,
and days in month automatically.
• Detect Alarms based on RTC counter.
• Periodically constant interrupt feature. (2Hz, 1Hz,
1/60Hz, 1/3600Hz, Once a months)
• GPIO and INT ports control
• Key-pad interface
• LED light control
• LDO functions
• Clock and Reset output control
• Stay-Alive timer
Following is a block diagram based on Logic circuit.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com