Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ADP3500AST Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 4Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 5Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 3 -
Baseband AVDD Main-LDO (LDO #2a)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT Voltage
VLDO#2
16 steps, 20mV/step, Ta= 25C,
Io=50mA
Code : 1000
Code : 0111
2.30
2.60
2.36
2.66
2.43
2.74
V
V
OUTPUT default voltage
VLDO#2
Io =50 mA, Ta=25
°C
2.46
2.52
2.6
V
OUTPUT Voltage
VLDO#2
16 steps, 20mV/step, Io=50mA, Ta=
-30to+85
°C
Code : 1000
Code : 0111
2.29
2.57
2.36
2.66
2.47
2.81
V
V
OUTPUT default voltage
VLDO#2
Io =50 mA, Ta=-30 to +85
°C
2.42
2.52
2.66
V
OUTPUT CAPACITOR REQUIRED FOR
STABILITY
C LDO#2
1
µF
DROPOUT VOLTAGE
VDO
Io = 50 mA
210
mV
RIPPLE REJECTION
f = 1KHz
50
dB
OUTPUT NOISE VOLTAGE
VNOISE
f = 100 Hz to 100 kHz
120
µV
RMS
Start-up time from shutdown
250
µS
GND Current
ILDO#2
Io = 50 mA
50
µA
Baseband AVDD Sub-LDO (LDO #2b)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT Voltage
VLDO#2b
Io = 300
µA, V
LDO#2a=2.6V
Ta= -30 to +85
°C
2.50
2.70
V
GND Current
ILDO#2b
5
µA
REFO switch
Parameter
Symbol
Conditions
Min
Typ
Max
Units
On resistance
RON
Ta= -30~+85
°C, Io=500µA
50
130
Ω
Off leak
ILEAK
LDO2: ON, Switch: OFF
0.01
1
µA
Coin Cell Main-LDO (LDO #3a)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VLDO#3
Io = 1 to 50 mA
Ta= -30 to +85
°C
2.85
3.0
3.09
V
Dropout Voltage
VDO
Io= 50 mA
140
mV
OUTPUT CAPACITOR REQUIRED FOR
STABILITY
C LDO#3
1
µF
Start-up time from shutdown
250
µS
GND Current
ILDO#3
Io = 50 mA
50
µA
Coin Cell Sub-LDO (LDO #3b)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VLDO#3b
Io=1mA
Ta= -30 to +85
°C
2.85
2.97
3.15
V
GND Current
ILDO#3b
10
µA
Audio LDO (LDO #4)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUTPUT VOLTAGE
VLDO#4
Io = 1 to 180 mA
Ta=-30 to +85
°C
2.81
2.90
2.99
V
OUTPUT CAPACITOR REQUIRED FOR
STABILITY
C LDO#4
2.2
µF
Dropout Voltage
VDO
Io = 180 mA
200
mV
RIPPLE REJECTION
f = 1KHz
50
dB
OUTPUT NOISE VOLTAGE
VNOISE
f = 100 Hz to 10 kHz
50
µV
RMS
Start-up time from shutdown
250
µS
GND Current
ILDO#4
Io = 180 mA
50
µA
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com