Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 21Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 22Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 23Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 24Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 25Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 26Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 27Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 28Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 25 -
addr06h_write
USEC
counter
addr00h_write
7 scale
31 scale
12 scale
100 scale
00h
01h
02h
03h
04h
05h
06h
month_count
year_count
day_count
hour_count
week_count
min_count
sec_count
Enabled signals created
by decoding of
RTC_SP_ADDR[5:0]
Initial data
12 scale
60 scale
60 scale
Leap year
&
days in month
control
inc_enb
inc_clk
To following
counters
Year
Month
Date
Week
Hour
Minute
Second
Figure 16. RTC counter block diagram
Definition of Leap year
The definition of a leap year is, “a year which can be divided by 4 and can not be divided by 100” and “a year which can be
divided by 400.” For this device, the following definition is used instead.
“A year which can be divided by 4”
Note
-
Year counter = “00” means year 2000, and is a leap year because it can be divided by 400.
-
Actual covered year period is from 1901 to 2099.
Number of days of month control
Months 1, 3, 5, 7, 8, 10, 12 have 31days.
Months 4, 6, 9, 11 have 30days.
Month 2 has 28days, but has 29 in leap year.
2.9.5 Alarm Function
Comparing the RTC counter value with the seting value in alarm_setting register (07h-09h), alarm condition is detected.
Setting of week uses 7bits for each day in a week, and works with multiple days setting. There is a delay of 62
µSfrom Alarm
detection to setting up to AOUT/BOUT registers.
ALA_EN flag in ALARM CONTROL register (0Dh) sets Enable/Disable of alarm detection. INT register (1Eh) indicates the
interrupt signals, alarm_int of ALA or/and ALB. INT MASK register (1Fh) do mask of alarm interrupt signal. Alarm
detection state is indicated as AOUT of ALARM CONTROL register (0Dh), and the alarm can be released by writing “1” at
the bit. Alarm B is also controlled as same as Alarm A is.
Note:
User just need to write “1” to release the alarm, and not need to write “0” after “1”. User doesn’t need to wait 62
µS
from CS assertion.
2.9.6 Periodic Interrupt function
This is a function, which generates interrupt periodically. The timing of cycle can be selected from 2Hz (0.5sec clock pulse),
1Hz (1sec clock pulse), 1/60Hz (minutes), 1/3600Hz (hour), and month (first day of each month).
The cycle is set using CT2-CT0 value in CTFG CONTROL register (0Eh). The state when interrupt is generated is indicated at
INTRA bit of CTFG CONTROL register (0Eh). INT MASK register (1Fh) only does mask of periodic interrupt signal. There
are two kinds of pattern of CTFG Interrupt signal output.
•
Hold the value when the interrupt is occurred (level).
•
After the interrupt event is happened, assert interrupt signal in certain time period then release it (pulse).
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com