Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADP3500AST Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 4Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 5Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 5 -
Output capacitor required for stability
C LDO#10
1
µF
Dropout voltage
VDO
Io = 50mA
150
mV
Ripple rejection
f = 1KHz
50
dB
Output noise voltage
VNOISE
f = 100 Hz to 100KHz
40
µV
RMS
Start-up Time from Shutdown
250
µS
GND Current
ILDO#10
Io=50mA
50
µA
Optional LDO (LDO #11)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output voltage
VLDO#11
Io = 1 to 100 mA
Ta= -30 to +85
°C
1.42
1.5
1.58
V
Output capacitor required for stability
C LDO#11
2.2
µF
Ripple rejection
f = 1KHz
50
dB
Output noise voltage
VNOISE
f = 100 Hz to 100KHz
50
µV
RMS
Start-up Time from Shutdown
250
µS
GND Current
ILDO#11
Io=150mA
50
µA
Voltage Detector for LDO1 and LDO6
Parameter
Symbol
Conditions
Min
Typ
Max
Units
LDO1 detect voltage
VDET1
Ta= -30 to +85
°C
2.7
2.72
V
LDO1 release voltage
VDET1
Ta= -30 to +85
°C
2.77
VLDO1
-NOM
V
LDO1 Hysteresis
VHYS1
Ta= -30 to +85
°C
35
52
85
mV
LDO6 detect voltage
VDET6
Ta= -30 to +85
°C
2.3
2.33
V
LDO6 release voltage
VDET6
Ta= -30 to +85
°C
2.40
VLDO6
-NOM
V
LDO6 Hysteresis
VHYS6
Ta= -30 to +85
°C
40
60
100
mV
BATTERY VOLTAGE DIVIDER: MVBAT
TA =-30 to 85°C, CVBAT=10µF MLCC, CAdapter=1µFMLCC unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Units
MVBAT Output voltage
5 – bit programmable
VMVBAT
VBAT=4.35V, MVEN = 1
code 10000
code 01111
2.484
2.673
2.508
2.697
2.533
2.727
V/V
V/V
MVBAT Output voltage step
Vstep
VBAT=4.35V, MVEN = 1
6
mV/lsb
Output drive current capability
Iout
1
2
mA
MVBAT Load Regulation
∆ΜVBAT
0 < Iout < 100
µA
35
mV
MVBAT Output Voltage Step
VBAT = 4.35 V, MVEN = 1
6
mV
Operating Battery Current
VBAT = 4.35 V, MVEN = 1
65
85
µA
Shutdown Current
VBAT = 4.35 V, MVEN = 0
1
µA
BATTERY CHARGER
TA =-30 to 85°C, CVBAT =10µF MLCC, CAdapter =1µF MLCC, 4.0V ≤ ADAPTER ≤ 12V unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Charger Control Voltage Range
2 – bit programmable
VBAT
SENSE
Ta= 25
°C,
VR_SENSE = 6mV & 115mV,
5.5V
≤ ADAPTER ≤ 12V (note 1)
code 00 (default)
code 01
code 10
code 11
3.926
4.150
4.170
4.190
3.980
4.190
4.210
4.230
4.034
4.230
4.250
4.270
V
V
V
V
Charger Control Voltage Range
2 – bit programmable
VBAT
SENSE
Ta= -20 to 55
°C,
VR_SENSE = 6mV & 115mV,
5.5V
≤ ADAPTER ≤ 12V (note 1)
code 00 (default)
code 01
code 10
code 11
3.905
4.130
4.146
4.166
3.980
4.190
4.210
4.230
4.065
4.250
4.278
4.300
V
V
V
V
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com