Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 21Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 22Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 23Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 24Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 25Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 26Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 27Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 28Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 26 -
In level case, interrupt is occurred at each 0 min (1/60Hz), 0 o’clock (1/3600Hz) or at first day of month. Because they are
happened in long cycle, the value is held at register. After the CPU checks the state, it is released by writing “1” at CTFG bit
of CTFG CONTROL register. In case of 2Hz and 1Hz, the interrupt is not held because the event happens in short cycle.
These event signal output pulse signal of 2Hz or 1Hz in RTC counter directly. Interrupt release operation doesn’t affect on the
interrupt signal in the case.
2.10 STAY-ALIVE TIMER
This is a counter, which increments each 250mS after RTC_RESETIN_N is asserted. It holds its value when the counter
counts full up. Signal clk4 is a 4Hz (250mS) clock which generated in USEC counter. The counter can be reset by writing “1”
at CLR of Stay-Alive TIMER CONTROL register (0Fh). The RTC_RESETIN_N signal is transferred from a logic input
circuit, that is supplied by VBAT, of RESETIN_N.
Note
:
User just need to write “1” to release the interrupt, and not need to write “0” after “1”.
5bit counter
test_reset
clk4
CLRB
D
SA[4:0]
RTC_RESETIN_N
Register
Stay-Alive Timer
Stay-alive Timer Control register (0Fh): CLR
Stay-alive Timer Control register (0Fh): SAx
Figure 17. Stay-Alive Timer block diagram
clk4
sa_count[4:0]
sa_clear
3
2
1
0
431
530
0
rtc_voltage_detect
Figure 18. Stay-Alive Timer operation timing
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com