Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 9Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 10Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 11Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 12Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 13Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 14Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 15Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 16Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 13 -
Table 2. LDO operation overview
Regulator
Names
Current
Rating (mA)
Voltage (Typ)
Or Range
Program steps
Step size
(mV)
Default
Cout
LDO1a
Baseband VDD
150
2.90V
N/A
N/A
-
2.2
µF
LDO1b
Baseband VDD sub
1
2.87V
N/A
N/A
-
2.2
µF
LDO2a
Baseband AVDD
50
2.36V~2.66V
16
20
2.52V
1
µF
LDO2b
Baseband AVDD sub
0.3
2.33V~2.63V
16
20
2.49V
1
µF
LDO3a
RTC/Coin Cell
50
3.0V
N/A
N/A
-
1
µF
LDO3b
RTC/Coin Cell sub
1
2.97V
N/A
N/A
-
1
µF
LDO4
Audio
180
2.9V
N/A
N/A
-
2.2
µF
LDO5
Vibrator
150
2.9V
N/A
N/A
-
2.2
µF
LDO6a
Baseband Core
50
2.6V
N/A
N/A
-
1
µF
LDO6b
Baseband Core sub
0.3
2.57V
N/A
N/A
-
1
µF
LDO7
RF Rx1
100
2.9V
N/A
N/A
-
2.2
µF
LDO8
RF Tx
150
2.9V
N/A
N/A
-
2.2
µF
LDO9
RF Rx2
50
2.9V
N/A
N/A
-
1
µF
LDO10
RF Option
50
2.9V
N/A
N/A
-
1
µF
LDO11
Option
100
1.5V
N/A
N/A
-
2.2
µF
1.2 BATTERY CHARGER
1.2.1. Block Diagram
LOGIC Block
ISENSE
ADAPTER
BASE
gm
EN
BVS
BATID
Charger_
Detect
BATID
gm
REF
Pre-charge
5m A
CHV
0/1
BVS
MVEN
MV4:0
RSENSE
AC Adapter
Cvbat
CHI
CHEN
EN
DDLO
LDO_
EN
+
V(ISENSE)
-
EN
EN
MVBAT
MVBAT
VBAT
100K
Ω
Battery
CADAPTER
Figure 5. Battery charger block diagram
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com