Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADP3500AST Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 4Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 5Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 6Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 7Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
a
CDMA Power Management System
Preliminary Technical Data
ADP3500
FEATURES
Handles all CDMA Baseband and RF/IF Power Management
Functions
LDOs Optimized for Specific CDMA Subsystems
Four Backup LDOs for Stand-By mode operation
Four Li-Ion Battery Charge Modes
5mA Pre Charge
Low Current Charge
Full Current Charge
Regulator mode (no current limit)
Ambient Temperature: -30
°°°°Cto+85 °°°°C
64pin 7x7 LQFP package
APPLICATIONS
CDMA/CDMA2000/PCS Handsets
GENERAL DESCRIPTION
The ADP3500 is a multifunction power system chip optimized
for CDMA cell phone power management. It contains 15 LDOs.
Sophisticated controls are available for power up during battery
charging, keypad interface, GPIO/INT function and RTC
function. The battery charger has four modes as Pre-charge, Low
Current Charge, Full Current Charge, and Regulator modes, and
is designed for Li-Ion/Li-Polymer batteries.
REV. PrP
2/6/02
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or apatent rights of Analog Devices.
RESET OUTPUT
RESET
32KHz OUTPUT
CONTROL
POWER ON
KEYPAD I/F
GPIO
SERIAL I/F
DELAY 10mS
INTERRUPT
CONTROL
LDO CONTROL
BATTERY
CHARGER
REFERENCE
LDO1 to 11
VOLTAGE
DETECTOR
ANALOG
BLOCK
RTC COUNTER
STAY-ALIVE
TIMER
LOGIC
BLOCK
ADP3500
Figure 1. Functional Block Diagram
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-87ß3
ANALOG DEVICES, INC., 2002
PRELIMINARY TECHNICAL DATA


Similar Part No. - ADP3500AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
CDMA Power Management System
REV. PrP 2/6/02
More results

Similar Description - ADP3500AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
GSM Power Management System
REV.0
ADP3510 AD-ADP3510 Datasheet
283Kb / 16P
CDMA Power Management System
REV.0
ADP3502 AD-ADP3502 Datasheet
714Kb / 36P
CDMA Power Management System
REV.0
logo
National Semiconductor ...
LP3919 NSC-LP3919 Datasheet
58Kb / 2P
CDMA Power Management Unit
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
CDMA Power Management System
REV. PrP 2/6/02
ADP3502 AD-ADP3502_15 Datasheet
748Kb / 36P
CDMA Power Management System
REV. 0
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
Power Management System
logo
Texas Instruments
LP3919 TI1-LP3919 Datasheet
654Kb / 7P
CDMA Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com