Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 21Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 22Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 23Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 24Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 25Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 26Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 27Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 28Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 27 -
2.11 REGISTERS
ADDR
Description
D7
D6
D5
D4
D3
D2
D1
D0
Comment
00h
Sec. Counter
S5
S4
S3
S2
S1
S0
Note 1,5
01h
Min. Counter
M5
M4
M3
M2
M1
M0
Note 1,5
02h
Hour Counter
H4
H3
H2
H1
H0
Note 1,5
03h
Week Counter
W2
W1
W0
Note 1,5
04h
Day Counter
D4
D3
D2
D1
D0
Note 1,5
05h
Month Counter
MO3
MO2
MO1
MO0
Note 1,5
06h
Year Counter
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Note 1,5
07h
Alarm_A Min Register
AM5
AM4
AM3
AM2
AM1
AM0
Note 5
08h
Alarm_A Hour Register
AH4
AH3
AH2
AH1
AH0
Note 5
09h
Alarm_A Week Register
AW6
AW5
AW4
AW3
AW2
AW1
AW0
Note 5
0Ah
Alarm_B Min Register
BM5
BM4
BM3
BM2
BM1
BM0
Note 5
0Bh
Alarm_B Hour Register
BH4
BH3
BH2
BH1
BH0
Note 5
0Ch
Alarm_B Week Register (Option)
BW6
BW5
BW4
BW3
BW2
BW1
BW0
Note 5
0Dh
Alarm Control
ALA_EN
Aout
ALB_EN
Bout
Note 5
0Eh
Periodic Interrupt Control
CTFG
CT2
CT1
CT0
Note 5
0Fh
Stay-Alive Timer Control
CLR
SA4
SA3
SA2
SA1
SA0
Note 5
10h
Charger Control
CHI
CHEN
Note 4
11h
Charger MVBAT Control
REF0
MVEN
Note 4
12h
Charger MVBAT
CHV1
CHV0
MV4
MV3
MV2
MV1
MV0
Note 4
13h
LDO Control 1
LDO11
LDO5
LDO4
Note 4
14h
Not available
Note 7
15h
LDO Control 2
LDO10
LDO9
LDO8
LDO7
Note 4
16h
LDO Control 3
ALLOF
F
Note 4
17h
LDO2 Gain
G23
G22
G21
G20
Note 4
18h
Keypad Column/B-light Register
BL
KO3
KO2
KO1
KO0
Note 6
19h
Keypad Row
KI5
KI4
KI3
KI2
KI1
KI0
Note 6
1Ah
GPIO Control Register
GPC3
GPC2
GPC1
GPC0
Note 6
1Bh
GPIO MASK
GPMSK3
GPMSK2
GPMSK1
GPMSK
0
Note 6
1Ch
GPIO Register
GPI3
GPO3
GPI2
GPO2
GPI1
GPO1
GPI0
GPO0
Note 6
1Dh
GPIO INT
GPINT3
GPRST3
GPINT2
GPRST2
GPINT1
GPRST1
GPINT0
GPRST0
Note 2,6
1Eh
INT Register
IN
T7
IR
ST
7
INT6
IRST6
INT5
INT4
INT3
IRST3
INT2
IRST2
INT1
IRST1
INT0
IRST0
Note 2,6
1Fh
INT MASK
MS
K7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
Note 6
20h
DATA IN
DI6
DI5
DI4
DI3
DI2
DI1
DI0
Note 6
21h
Power OFF
PWROF
F
Note 6
3Fh
TEST register (option)
LDOENB
USENB
TEST
Note 3,5
Notes:
1. For the RTC counter data protection, the access should be waited for certain time (62
µS) period after CS signal assertion.
(Refer to RTC counter section for the wait time).
2. The INT reset operation will be valid at 62
µS or later after its setting.
3. This is a set register for internal test, and should not be accessed at normal operation.
4. Analog block control registers. They control LDO etc. They are powered by VBAT.
5. Registers regarding RTC counter. They are powered by RTCV.
6. Registers for INT, GPIO, KEYPAD I/F etc. They are powered by VBAT.
7. Not available.
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com