Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3500AST Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ADP3500AST
Description  CDMA Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP3500AST Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ADP3500AST Datasheet HTML 18Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 19Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 20Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 21Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 22Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 23Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 24Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 25Page - List of Unclassifed Manufacturers ADP3500AST Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ADP3500
REV.PrP 2/6/02
- 22 -
PowerOnKey
POWERON
LDO1,2,3, 6
LDO1b, 2b, 6b
Voltage Detector
voltage_detect_delay
RSTDELAY-
OPT2
INT-
Serial I/F
10mS
50mS
POWER ON
POWER OFF
Clear INT- and set PWROFF(21h)=1
Clear INT-
Figure 14. Power ON sequence
2.7 10 MILISECOND DELAY
This block generates a 10mS delayed signal after the reset of the voltage_detect signal is released. After 10mS (11 clocks of
1024Hz) since the voltage_detect signal is asserted, the voltage_detect_delay signal is asserted. If the duration of the
voltage_detect signal is less than 10mS, voltage_detect_delay signal will not be asserted. When the voltage_detect signal is
released, the voltage_detect_delay signal is also released simultaneously. The voltage_detect_delay signal can be reset with
writing “1” in POWER OFF register (21h).
* User just need to write “1” in the POWER OFF register to reset voltage_detect _delay, and not need to over-write it with “0”.
2.8 LDO CONTROL
The LDO control block controls Power ON/OFF of LDO block. The function in this block has:
•
Hardware control using external signals
•
Software control using serial interface
•
Mixture of hardware and software above
LDO1, LDO2, LDO3, and LDO6 are structured with Main and Sub LDOs. LDO4, LDO5, LDO7, LDO8, LDO9, LDO10, and
LDO11 are set through serial interface but LDO7 and LDO9 are gated (AND gate) with SLEEP- signal, in order to get into
Sleep mode. If the SLEEP- signal is enabled (goes “Low”), the outputs of LDO7 and LDO9 are turned OFF. Remainder of
LDOs as LDO1, LDO2, and LDO6 is controlled by “Power On Logic”. A Sub LDO called “LDO3b” is independent control
and this LDO control block doesn’t control LDO3b. And Main LDO3 called “LDO3a” is turned on by power_on signal, but
Sub LDO3 called “LDO3b” is always ON while Battery supplies and LDO3b is only controlled by DDLO. A DDLO is control
signal from Battery charger block and is monitoring Battery voltage. When VBAT is under 2.5V (200mV hysteresis from
VBAT=2.7V), DDLO minimizes (DDLO enable) current flow from Li-Ion battery.
Main LDOs
: LDO1a, LDO2a, LDO3a, LDO6a
Sub LDOs
: LDO1b, LDO2b, LDO3b, LDO6b
Table 4a. DDLO status table
Status
LDO1a LDO1b LDO2a LDO2b LDO3a LDO3b LDO4
REFO
LDO5
LDO6a LDO6b LDO7
LDO8
LDO9 LDO10 LDO11
Baseband VDD
Baseband
AVDD
Coin cell
Audio
REFO
Vibrator
Baseband Core
Rx1
Tx
Rx2
RF
Option
Option
DDLO Enable
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
DDLO Disable
XXX
XX
ON
XX
X
X
X
X
XXXX
Note
PRELIMINARY TECHNICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com