Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 12Page - STMicroelectronics LSM303D Datasheet HTML 13Page - STMicroelectronics LSM303D Datasheet HTML 14Page - STMicroelectronics LSM303D Datasheet HTML 15Page - STMicroelectronics LSM303D Datasheet HTML 16Page - STMicroelectronics LSM303D Datasheet HTML 17Page - STMicroelectronics LSM303D Datasheet HTML 18Page - STMicroelectronics LSM303D Datasheet HTML 19Page - STMicroelectronics LSM303D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Terminology
LSM303D
16/52
DocID023312 Rev 2
3
Terminology
3.1
Set/reset pulse
The set/reset pulse is an automatic operation performed before each magnetic acquisition
cycle to recover the initial magnetization state of the sensor and therefore the linearity of the
sensor itself.
3.2
Sensitivity
3.2.1
Linear acceleration sensor sensitivity
Sensitivity describes the gain of the sensor and can be determined, for example, by
applying 1 g acceleration to it. As the sensor can measure DC accelerations this can be
done easily by pointing the axis of interest towards the center of the Earth, noting the output
value, rotating the sensor by 180 degrees (pointing to the sky) and noting the output value
again. By doing so, ±1 g acceleration is applied to the sensor. Subtracting the larger output
value from the smaller one, and dividing the result by 2, leads to the actual sensitivity of the
sensor. This value changes very little over temperature and time. The sensitivity tolerance
describes the range of sensitivities of a large population of sensors.
3.2.2
Magnetic sensor sensitivity
Sensitivity describes the gain of the sensor and can be determined, for example, by
applying a magnetic field of 1 gauss to it.
3.3
Zero-g level
Zero-g level offset (TyOff) describes the deviation of an actual output signal from the ideal
output signal if no acceleration is present. A sensor in a steady-state on a horizontal surface
measures 0 g on the X-axis and 0 g on the Y-axis, whereas the Z-axis measures 1 g. The
output is ideally in the middle of the dynamic range of the sensor (content of OUT registers
00h, data expressed as two’s complement). A deviation from the ideal value in this case is
called Zero-g offset. Offset is, to some extent, a result of stress to MEMS sensor and
therefore the offset can slightly change after mounting the sensor onto a printed circuit
board or exposing it to extensive mechanical stress. Offset changes little over temperature,
see “Zero-g level change vs. temperature”. The Zero-g level tolerance (TyOff) describes the
standard deviation of the range of Zero-g levels of a population of sensors.
3.4
Zero-gauss level
Zero-gauss level offset describes the deviation of an actual output signal from the ideal
output if no magnetic field is present. Thanks to the set/reset pulse and to the magnetic
sensor read-out chain, the offset is dynamically cancelled. The Zero-gauss level does not
show any dependencies on temperature and power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com