Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 35Page - STMicroelectronics LSM303D Datasheet HTML 36Page - STMicroelectronics LSM303D Datasheet HTML 37Page - STMicroelectronics LSM303D Datasheet HTML 38Page - STMicroelectronics LSM303D Datasheet HTML 39Page - STMicroelectronics LSM303D Datasheet HTML 40Page - STMicroelectronics LSM303D Datasheet HTML 41Page - STMicroelectronics LSM303D Datasheet HTML 42Page - STMicroelectronics LSM303D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
DocID023312 Rev 2
39/52
LSM303D
Register description
52
8.24
STATUS_A (27h)
Table 52. CTRL7 register description
AHPM[1:0]
High-pass filter mode selection for acceleration data. Default value: 00
Refer to Table 53
AFDS
Filtered acceleration data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
T_ONLY
Temperature sensor only mode. Default value: 0
If this bit is set to ‘1’, the temperature sensor is on while the magnetic sensor is off.
MLP
Magnetic data low-power mode. Default value: 0
If this bit is ‘1’, the M_ODR [2:0] is set to 3.125 Hz independently from the MODR set-
tings. Once the bit is set to ‘0’, the magnetic data rate is configured by the MODR bits
in the CTRL5 (24h) register.
MD[1:0]
Magnetic sensor mode selection. Default 10
Refer to Table 54
Table 53. High-pass filter mode selection
AHPM1 AHPM0
High-pass filter mode
0
0
Normal mode (reset X, Y and Z-axis, reading respective REFERENCE_X
(1Ch), REFERENCE_Y (1Dh) and REFERENCE_Z (1Eh) registers)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Auto-reset on interrupt event
Table 54. Magnetic sensor mode selection
MD1
MD0
Magnetic sensor mode
0
0
Continuous-conversion mode
0
1
Single-conversion mode
1
0
Power-down mode
1
1
Power-down mode
Table 55. STATUS_A register
ZYXAOR
ZAOR
YAOR
XAOR
ZYXADA
ZADA
YADA
XADA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com