Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 37 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 33Page - STMicroelectronics LSM303D Datasheet HTML 34Page - STMicroelectronics LSM303D Datasheet HTML 35Page - STMicroelectronics LSM303D Datasheet HTML 36Page - STMicroelectronics LSM303D Datasheet HTML 37Page - STMicroelectronics LSM303D Datasheet HTML 38Page - STMicroelectronics LSM303D Datasheet HTML 39Page - STMicroelectronics LSM303D Datasheet HTML 40Page - STMicroelectronics LSM303D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
DocID023312 Rev 2
37/52
LSM303D
Register description
52
8.20
CTRL4 (23h)
8.21
CTRL5 (24h)
Table 43. CTRL4 register
INT2
_Click
INT2
_INT1
INT2
_INT2
INT2
_INTM
INT2
_DRDY_A
INT2
_DRDY_M
INT2
_Overrun
INT2
_FTH
Table 44. CTRL4 register description
INT2
_Click
Click generator interrupt on INT2. Default value: 0
(0: disable; 1: enable)
INT2
_IG1
Inertial interrupt generator 1 on INT2. Default value: 0
(0: disable; 1: enable)
INT2
_IG2
Inertial interrupt generator 2 on INT2. Default value: 0
(0: disable; 1: enable)
INT2
_IGM
Magnetic interrupt generator on INT2. Default value: 0
(0: disable; 1: enable)
INT2
_DRDY_A
Accelerometer data-ready signal on INT2. Default value: 0
(0: disable; 1: enable)
INT2
_DRDY_M
Magnetometer data-ready signal on INT2. Default value: 0
(0: disable; 1: enable)
INT2
_Overrun
FIFO overrun interrupt on INT2. Default value: 0
(0: disable; 1: enable)
INT2
_FTH
FIFO threshold interrupt on INT2. Default value: 0
(0: disable; 1: enable)
Table 45. CTRL5 register
TEMP_EN
M_RES1
M_RES0
M_ODR2 M_ODR1 M_ODR0 LIR2
LIR1
Table 46. CTRL5 register description
TEMP_EN
Temperature sensor enable. Default value: 0
(0: temperature sensor disabled; 1: temperature sensor enabled)
M_RES [1:0]
Magnetic resolution selection. Default value: 00
(00: low resolution, 11: high resolution)
M_ODR [2:0]
Magnetic data rate selection. Default value: 110
Refer to Table 47
LIR2
Latch interrupt request on INT2_SRC register, with INT2_SRC register cleared by
reading INT2_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
LIR1
Latch interrupt request on INT1_SRC register, with INT1_SRC register cleared by
reading INT1_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com