Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 26Page - STMicroelectronics LSM303D Datasheet HTML 27Page - STMicroelectronics LSM303D Datasheet HTML 28Page - STMicroelectronics LSM303D Datasheet HTML 29Page - STMicroelectronics LSM303D Datasheet HTML 30Page - STMicroelectronics LSM303D Datasheet HTML 31Page - STMicroelectronics LSM303D Datasheet HTML 32Page - STMicroelectronics LSM303D Datasheet HTML 33Page - STMicroelectronics LSM303D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Register description
LSM303D
30/52
DocID023312 Rev 2
8
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration and magnetic data. The register address, consisting of 7 bits, is used to identify
them and to write the data through the serial interface.
8.1
TEMP_OUT_L (05h), TEMP_OUT_H (06h)
Temperature sensor data. Temperature data is stored as two’s complement data in 12-bit
format, right-justified.
Refer to Section 4.2 for details on how to enable and read the temperature sensor output
data.
8.2
STATUS_M (07h)
Table 17. STATUS_M register
ZYXMOR/ Tempor
ZMOR
YMOR
XMOR
ZYXMDA / Tempda
ZMDA
YMDA
XMDA
Table 18. STATUS_M register description
ZYXMOR/
Tempor
Magnetic X, Y and Z-axis and temperature data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous data)
Temperature data overrun if T_ONLY bit in CTRL7 (26h) is set to ‘1’. Default value: 0.
ZMOR
Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous
data)
YMOR
Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous
data)
XMOR
X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous
data)
ZYXMDA/
Tempda
X, Y and Z-axis and temperature new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
Temperature new data available if the T_ONLY bit in CTRL7 (26h) is set to ‘1’.
ZMDA
Z-axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available; 1: new data for the Z-axis is available)
YMDA
Y-axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available; 1: new data for the Y-axis is available)
XMDA
X-axis new data available. Default value: 0
(0: new data for the X-axis is not yet available; 1: new data for the X-axis is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com