Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 31Page - STMicroelectronics LSM303D Datasheet HTML 32Page - STMicroelectronics LSM303D Datasheet HTML 33Page - STMicroelectronics LSM303D Datasheet HTML 34Page - STMicroelectronics LSM303D Datasheet HTML 35Page - STMicroelectronics LSM303D Datasheet HTML 36Page - STMicroelectronics LSM303D Datasheet HTML 37Page - STMicroelectronics LSM303D Datasheet HTML 38Page - STMicroelectronics LSM303D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
DocID023312 Rev 2
35/52
LSM303D
Register description
52
AODR [3:0] is used to set power mode and ODR selection. In the following table bit
selection of AODR [3:0] for all frequencies is shown.
8.18
CTRL2 (21h)
Table 36. Acceleration data rate configuration
AODR3
AODR2
AODR1
AODR0
Power mode and ODR selection
0
0
0
0
Power-down mode
0
0
0
1
3.125 Hz
0
0
1
0
6.25 Hz
0
0
1
1
12.5 Hz
0
1
0
0
25 Hz
0
1
0
1
50 Hz
0
1
1
0
100 Hz
0
1
1
1
200 Hz
1
0
0
0
400 Hz
1
0
0
1
800 Hz
1
0
1
0
1600 Hz
Table 37. CTRL2 register
ABW1
ABW0
AFS2
AFS1
AFS0
0(1)
1. This bit must be set to ‘0’ for correct operation of the device.
AST
SIM
Table 38. CTRL2 register description
ABW[1:0]
Accelerometer anti-alias filter bandwidth. Default value: 00
Refer to Table 39
AFS[2:0]
Acceleration full-scale selection. Default value: 000
Refer to Table 40
AST
Acceleration self-test enable. Default value: 0
(0: self-test disabled; 1: self-test enabled)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
Table 39. Acceleration anti-alias filter bandwidth
ABW1
ABW0
Anti-alias filter bandwidth
0
0
773 Hz
0
1
194 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com