Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 30Page - STMicroelectronics LSM303D Datasheet HTML 31Page - STMicroelectronics LSM303D Datasheet HTML 32Page - STMicroelectronics LSM303D Datasheet HTML 33Page - STMicroelectronics LSM303D Datasheet HTML 34Page - STMicroelectronics LSM303D Datasheet HTML 35Page - STMicroelectronics LSM303D Datasheet HTML 36Page - STMicroelectronics LSM303D Datasheet HTML 37Page - STMicroelectronics LSM303D Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Register description
LSM303D
34/52
DocID023312 Rev 2
8.15
REFERENCE_Z (1Eh)
Reference value for high-pass filter for Z-axis acceleration data.
8.16
CTRL0 (1Fh)
8.17
CTRL1 (20h)
Table 32. CTRL0 register
BOOT
FIFO_EN
FTH_EN
0(1)
1. These bits must be set to ‘0’ for correct operation of the device.
0(1)
HP_Click
HPIS1
HPIS2
Table 33. CTRL0 register description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable; 1: FIFO enable)
FTH_EN
FIFO programmable threshold enable. Default value: 0
(0: disable; 1: enable)
HP_Click
High-pass filter enabled for click function. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPIS1
High-pass filter enabled for interrupt generator 1. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPIS2
High-pass filter enabled for interrupt generator 2. Default value: 0
(0: filter bypassed; 1: filter enabled)
Table 34. CTRL1 register
AODR3
AODR2
AODR1
AODR0
BDU
AZEN
AYEN
AXEN
Table 35. CTRL1 register description
AODR [3:0] Acceleration data-rate selection. Default value: 0000
(0000: Power-down mode; Others: Refer to Table 36)
BDU
Block data update for acceleration and magnetic data. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB have been
read)
AZEN
Acceleration Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
AYEN
Acceleration Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
AXEN
Acceleration X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com