Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 1 Page - STMicroelectronics

  LSM303D Datasheet HTML 1Page - STMicroelectronics LSM303D Datasheet HTML 2Page - STMicroelectronics LSM303D Datasheet HTML 3Page - STMicroelectronics LSM303D Datasheet HTML 4Page - STMicroelectronics LSM303D Datasheet HTML 5Page - STMicroelectronics LSM303D Datasheet HTML 6Page - STMicroelectronics LSM303D Datasheet HTML 7Page - STMicroelectronics LSM303D Datasheet HTML 8Page - STMicroelectronics LSM303D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
This is information on a product in full production.
November 2013
DocID023312 Rev 2
1/52
LSM303D
Ultra-compact high-performance eCompass module:
3D accelerometer and 3D magnetometer
Datasheet
- production data
Features
 3 magnetic field channels and 3 acceleration
channels
 ±2/±4/±8/±12 gauss magnetic full scale
 ±2/±4/±6/±8/±16 g linear acceleration full scale
 16-bit data output
 SPI / I2C serial interfaces
 Analog supply voltage 2.16 V to 3.6 V
 Power-down mode / low-power mode
 Programmable interrupt generators for free-
fall, motion detection and magnetic field
detection
 Embedded temperature sensor
 Embedded FIFO
 ECOPACK®, RoHS and “Green” compliant
Applications
 Tilt-compensated compasses
 Map rotation
 Position detection
 Motion-activated functions
 Free-fall detection
 Click/double-click recognition
 Pedometers
 Intelligent power saving for handheld devices
 Display orientation
 Gaming and virtual reality input devices
 Impact recognition and logging
 Vibration monitoring and compensation
Description
The LSM303D is a system-in-package featuring a
3D digital linear acceleration sensor and a 3D
digital magnetic sensor.
The LSM303D has linear acceleration full scales
of ±2g / ±4g / ±6g / ±8g / ±16g and a magnetic
field full scale of ±2 / ±4 / ±8 / ±12 gauss.
The LSM303D includes an I2C serial bus
interface that supports standard and fast mode
(100 kHz and 400 kHz) and SPI serial standard
interface.
The system can be configured to generate an
interrupt signal for free-fall, motion detection and
magnetic field detection. Thresholds and timing of
interrupt generators are programmable by the end
user.
Magnetic and accelerometer blocks can be
enabled or put into power-down mode separately.
The LSM303D is available in a plastic land grid
array package (LGA) and is guaranteed to
operate over an extended temperature range
from -40 °C to +85 °C.
LGA-16 (3x3x1 mm)
Table 1. Device summary
Part number
Temperature
range [°C]
Package Packaging
LSM303D
-40 to +85
LGA-16
Tray
LSM303DTR
-40 to +85
LGA-16
Tape and
reel
www.st.com


Similar Part No. - LSM303D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
More results

Similar Description - LSM303D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
STMicroelectronics
L2G2IS STMICROELECTRONICS-L2G2IS Datasheet
621Kb / 26P
Embedded temperature sensor
17-Feb-2016
LIS2HH12 STMICROELECTRONICS-LIS2HH12 Datasheet
1Mb / 47P
Embedded temperature sensor
14-Dec-2015
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
Embedded temperature compensation
April 2016 Rev 5
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
LSM6DS0 STMICROELECTRONICS-LSM6DS0 Datasheet
1Mb / 59P
Embedded temperature sensor
03-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com