Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 45 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 41Page - STMicroelectronics LSM303D Datasheet HTML 42Page - STMicroelectronics LSM303D Datasheet HTML 43Page - STMicroelectronics LSM303D Datasheet HTML 44Page - STMicroelectronics LSM303D Datasheet HTML 45Page - STMicroelectronics LSM303D Datasheet HTML 46Page - STMicroelectronics LSM303D Datasheet HTML 47Page - STMicroelectronics LSM303D Datasheet HTML 48Page - STMicroelectronics LSM303D Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
DocID023312 Rev 2
45/52
LSM303D
Register description
52
8.35
IG_SRC2 (35h)
This register contains the status for the inertial interrupt generator 2.
Reading at this address clears the IG_SRC2 (35h) IA bit (and the interrupt signal on the
corresponding interrupt pin) and allows the refresh of data in the IG_SRC2 (35h) register if
the latched option was chosen.
8.36
IG_THS2 (36h)
8.37
IG_DUR2 (37h)
Table 74. IG_SRC2 register
0
IA
ZH
ZL
YHYL
XHXL
Table 75. IG_SRC2 register description
IA
Interrupt generator 2 status. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0
(0: no interrupt; 1: Z high event has occurred)
ZL
Z low. Default value: 0
(0: no interrupt; 1: Z low event has occurred)
YH
Y high. Default value: 0
(0: no interrupt; 1: Y high event has occurred)
YL
Y low. Default value: 0
(0: no interrupt; 1: Y low event has occurred)
XH
X high. Default value: 0
(0: no interrupt; 1: X high event has occurred)
XL
X low. Default value: 0
(0: no interrupt; 1: X low event has occurred)
Table 76. IG2_THS2 register
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 77. IG2_THS2 register description
THS[6:0]
Interrupt generator 2 threshold. Default value: 000 0000
Table 78. IG_DUR2 register
0
D6D5D4D3D2D1D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com