Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 27Page - STMicroelectronics LSM303D Datasheet HTML 28Page - STMicroelectronics LSM303D Datasheet HTML 29Page - STMicroelectronics LSM303D Datasheet HTML 30Page - STMicroelectronics LSM303D Datasheet HTML 31Page - STMicroelectronics LSM303D Datasheet HTML 32Page - STMicroelectronics LSM303D Datasheet HTML 33Page - STMicroelectronics LSM303D Datasheet HTML 34Page - STMicroelectronics LSM303D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
DocID023312 Rev 2
31/52
LSM303D
Register description
52
8.3
OUT_X_L_M (08h), OUT_X_H_M (09h)
X-axis magnetic data. The value is expressed in 16-bit as two’s complement.
8.4
OUT_Y_L_M (0Ah), OUT_Y_H_M (0Bh)
Y-axis magnetic data. The value is expressed in 16-bit as two’s complement.
8.5
OUT_Z_L_M (0Ch), OUT_Z_H_M (0Dh)
Z-axis magnetic data. The value is expressed in 16-bit as two’s complement.
8.6
WHO_AM_I (0Fh)
Device identification register.
8.7
INT_CTRL_M (12h)
Table 19. WHO_AM_I register
01
0
0
1
0
0
1
Table 20. INT_CTRL_M register
XMIEN
YMIEN
ZMIEN
PP_OD
IEA
MIEL
4D
MIEN
Table 21. INT_CTRL_M register description
XMIEN
Enable interrupt recognition on X-axis for magnetic data. Default value: 0.
(0: disable interrupt recognition; 1: enable interrupt recognition)
YMIEN
Enable interrupt recognition on Y-axis for magnetic data. Default value: 0.
(0: disable interrupt recognition; 1: enable interrupt recognition)
ZMIEN
Enable interrupt recognition on Z-axis for magnetic data. Default value: 0.
(0: disable interrupt recognition; 1: enable interrupt recognition)
PP_OD
Interrupt pin configuration. Default value: 0.
(0: push-pull; 1: open drain)
IEA
Interrupt polarity. Default value: 0.
(0: interrupt active-low; 1: interrupt active-high)
MIEL
Latch interrupt request on INT_SRC_M (13h) register. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
Once the MIEL is set to ‘1’, the interrupt is cleared by reading the INT_SRC_M (13h)
register.
4D
4D enable: 4D detection on acceleration data is enabled when 6D bit in IG_CFG1 (30h) is
set to 1. Default value: 0.
MIEN
Enable interrupt generation for magnetic data. Default value: 0.
(0: disable interrupt generation; 1: enable interrupt generation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com