Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 24Page - STMicroelectronics LSM303D Datasheet HTML 25Page - STMicroelectronics LSM303D Datasheet HTML 26Page - STMicroelectronics LSM303D Datasheet HTML 27Page - STMicroelectronics LSM303D Datasheet HTML 28Page - STMicroelectronics LSM303D Datasheet HTML 29Page - STMicroelectronics LSM303D Datasheet HTML 30Page - STMicroelectronics LSM303D Datasheet HTML 31Page - STMicroelectronics LSM303D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Output register mapping
LSM303D
28/52
DocID023312 Rev 2
7
Output register mapping
The table below provides a listing of the 8-bit registers embedded in the device and the
corresponding addresses.
Table 16. Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved
--
00-04
--
--
Reserved
TEMP_OUT_L
r
05
000 0101
Output
TEMP_OUT_H
r
06
000 0110
Output
STATUS_M
r
07
000 0111
Output
OUT_X_L_M
r
08
000 1000
Output
OUT_X_H_M
r
09
000 1001
Output
OUT_Y_L_M
r
0A
000 1010
Output
OUT_Y_H_M
r
0B
000 1011
Output
OUT_Z_L_M
r
0C
000 1100
Output
OUT_Z_H_M
r
0D
000 1101
Output
Reserved
--
0E
000 1110
--
Reserved
WHO_AM_I
r
0F
000 1111
01001001
Reserved
--
10-11
--
--
Reserved
INT_CTRL_M
rw
12
001 0010
11101000
INT_SRC_M
r
13
001 0011
Output
INT_THS_L_M
rw
14
001 0100
00000000
INT_THS_H_M
rw
15
001 0101
00000000
OFFSET_X_L_M
rw
16
001 0110
00000000
OFFSET_X_H_M
rw
17
001 0111
00000000
OFFSET_Y_L_M
rw
18
001 01000
00000000
OFFSET_Y_H_M
rw
19
001 01001
00000000
OFFSET_Z_L_M
rw
1A
001 01010
00000000
OFFSET_Z_H_M
rw
1B
001 01011
00000000
REFERENCE_X
rw
1C
001 01100
00000000
REFERENCE_Y
rw
1D
001 01101
00000000
REFERENCE_Z
rw
1E
001 01110
00000000
CTRL0
rw
1F
001 1111
00000000
CTRL1
rw
20
010 0000
00000111
CTRL2
rw
21
010 0001
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com