Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 28Page - STMicroelectronics LSM303D Datasheet HTML 29Page - STMicroelectronics LSM303D Datasheet HTML 30Page - STMicroelectronics LSM303D Datasheet HTML 31Page - STMicroelectronics LSM303D Datasheet HTML 32Page - STMicroelectronics LSM303D Datasheet HTML 33Page - STMicroelectronics LSM303D Datasheet HTML 34Page - STMicroelectronics LSM303D Datasheet HTML 35Page - STMicroelectronics LSM303D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Register description
LSM303D
32/52
DocID023312 Rev 2
8.8
INT_SRC_M (13h)
8.9
INT_THS_L_M (14h), INT_THS_H_M (15h)
Magnetic interrupt threshold. Default value: 0.
The value is expressed in 16-bit unsigned.
Even if the threshold is expressed in absolute value, the device detects both positive and
negative thresholds.
Table 22. INT_SRC_M register
M_PTH_X
M_PTH_Y
M_PTH_Z
M_NTH_X M_NTH_Y M_NTH_Z MROI
MINT
Table 23. INT_SRC_M register description
M_PTH_X
Magnetic value on X-axis exceeds the threshold on the positive side.
Default value: 0.
M_PTH_Y
Magnetic value on Y-axis exceeds the threshold on the positive side.
Default value: 0.
M_PTH_Z
Magnetic value on Z-axis exceeds the threshold on the positive side.
Default value: 0.
M_NTH_X
Magnetic value on X-axis exceeds the threshold on the negative side.
Default value: 0.
M_NTH_Y
Magnetic value on Y-axis exceeds the threshold on the negative side.
Default value: 0.
M_NTH_Z
Magnetic value on Z-axis exceeds the threshold on the negative side.
Default value: 0.
MROI
Internal measurement range overflow on magnetic value.
Default value: 0.
MINT
Magnetic interrupt event. The magnetic field value exceeds the threshold.
Default value: 0.
Table 24. INT_THS_L_M register
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 25. INT_THS_H_M register
0
THS14
THS13
THS12
THS11
THS10
THS9
THS8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com