Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 25Page - STMicroelectronics LSM303D Datasheet HTML 26Page - STMicroelectronics LSM303D Datasheet HTML 27Page - STMicroelectronics LSM303D Datasheet HTML 28Page - STMicroelectronics LSM303D Datasheet HTML 29Page - STMicroelectronics LSM303D Datasheet HTML 30Page - STMicroelectronics LSM303D Datasheet HTML 31Page - STMicroelectronics LSM303D Datasheet HTML 32Page - STMicroelectronics LSM303D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
DocID023312 Rev 2
29/52
LSM303D
Output register mapping
52
Registers marked as Reserved must not be changed. Writing to these registers may cause
permanent damage to the device.The content of the registers that are loaded at boot should
not be changed. They contain the factory calibration values. Their content is automatically
restored when the device is powered up.
CTRL3
rw
22
010 0010
00000000
CTRL4
rw
23
010 0011
00000000
CTRL5
rw
24
010 0100
00011000
CTRL6
rw
25
010 0101
00100000
CTRL7
rw
26
010 0110
00000001
STATUS_A
r
27
010 0111
Output
OUT_X_L_A
r
28
010 1000
Output
OUT_X_H_A
r
29
010 1001
Output
OUT_Y_L_A
r
2A
010 1010
Output
OUT_Y_H_A
r
2B
010 1011
Output
OUT_Z_L_A
r
2C
010 1100
Output
OUT_Z_H_A
r
2D
010 1101
Output
FIFO_CTRL
rw
2E
010 1110
00000000
FIFO_SRC
r
2F
010 1111
Output
IG_CFG1
rw
30
011 0000
00000000
IG_SRC1
r
31
011 0001
Output
IG_THS1
rw
32
011 0010
00000000
IG_DUR1
rw
33
011 0011
00000000
IG_CFG2
rw
34
011 0100
00000000
IG_SRC2
r
35
011 0101
Output
IG_THS2
rw
36
011 0110
00000000
IG_DUR2
rw
37
011 0111
00000000
CLICK_CFG
rw
38
011 1000
00000000
CLICK_SRC
r
39
011 1001
Output
CLICK_THS
rw
3A
011 1010
00000000
TIME_LIMIT
rw
3B
011 1011
00000000
TIME _LATENCY
rw
3C
011 1100
00000000
TIME_WINDOW
rw
3D
011 1101
00000000
ACT_THS
rw
3E
011 1110
00000000
ACT_DUR
rw
3F
011 1111
00000000
Table 16. Register address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com