Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 34Page - STMicroelectronics LSM303D Datasheet HTML 35Page - STMicroelectronics LSM303D Datasheet HTML 36Page - STMicroelectronics LSM303D Datasheet HTML 37Page - STMicroelectronics LSM303D Datasheet HTML 38Page - STMicroelectronics LSM303D Datasheet HTML 39Page - STMicroelectronics LSM303D Datasheet HTML 40Page - STMicroelectronics LSM303D Datasheet HTML 41Page - STMicroelectronics LSM303D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Register description
LSM303D
38/52
DocID023312 Rev 2
8.22
CTRL6 (25h)
8.23
CTRL7 (26h)
Table 47. Magnetic data rate configuration
MODR2
MODR1
MODR0
ODR selection
0
0
0
3.125 Hz
0
0
1
6.25 Hz
0
1
0
12.5 Hz
0
1
1
25 Hz
1
0
0
50 Hz
1
0
1
100 Hz(1)
1. Available only for accelerometer ODR > 50 Hz or accelerometer in power-down mode (refer to
Table 36,
AODR setting).
1
1
0
Do not use
1
1
1
Reserved
Table 48. CTRL6 register
0(1)
MFS1
MFS0
0(1)
1. These bits must be set to ‘0’ for correct operation of the device.
0(1)
0(1)
0(1)
0(1)
Table 49. CTRL6 register description
MFS [1:0]
Magnetic full-scale selection. Default value: 01
Refer to Table 50
Table 50. Magnetic full-scale selection
MFS1
MFS0
Magnetic full scale
0
0
±2 gauss
0
1
±4 gauss
1
0
±8 gauss
1
1
±12 gauss
Table 51. CTRL7 register
AHPM1
AHPM0
AFDS
T_ONLY
0(1)
1. This bit must be set to ‘0’ for correct operation of the device.
MLP
MD1
MD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com