Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303D Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 36Page - STMicroelectronics LSM303D Datasheet HTML 37Page - STMicroelectronics LSM303D Datasheet HTML 38Page - STMicroelectronics LSM303D Datasheet HTML 39Page - STMicroelectronics LSM303D Datasheet HTML 40Page - STMicroelectronics LSM303D Datasheet HTML 41Page - STMicroelectronics LSM303D Datasheet HTML 42Page - STMicroelectronics LSM303D Datasheet HTML 43Page - STMicroelectronics LSM303D Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Register description
LSM303D
40/52
DocID023312 Rev 2
8.25
OUT_X_L_A (28h), OUT_X_H_A (29h)
X-axis acceleration data. The value is expressed in 16-bit as two’s complement.
8.26
OUT_Y_L_A (2Ah), OUT_Y_H_A (2Bh)
Y-axis acceleration data. The value is expressed in 16-bit as two’s complement.
8.27
OUT_Z_L_A (2Ch), OUT_Z_H_A (2Dh)
Z-axis acceleration data. The value is expressed in 16-bit as two’s complement.
8.28
FIFO_CTRL (2Eh)
Table 56. STATUS_A register description
ZYXAOR Acceleration X, Y and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous data)
ZAOR
Acceleration Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous data)
YAOR
Acceleration Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data)
XAOR
Acceleration X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data)
ZYXADA Acceleration X, Y and Z-axis new value available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZADA
Acceleration Z-axis new value available. Default value: 0
(0: new data for the Z-axis is not yet available; 1: new data for the Z-axis is available)
YADA
Acceleration Y-axis new value available. Default value: 0
(0: new data for the Y-axis is not yet available; 1: new data for the Y-axis is available)
XADA
Acceleration X-axis new value available. Default value: 0
(0: new data for the X-axis is not yet available; 1: new data for the X-axis is available)
Table 57. FIFO_CTRL register
FM2
FM1
FM0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 58. FIFO_CTRL register description
FM[2:0]
FIFO mode selection. Default value: 000
Refer to Table 59
FTH[4:0]
FIFO threshold level. Default value: 00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com